Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1600CCMPR Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1600CCMPR
Description  12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1600CCMPR Datasheet(HTML) 50 Page - Texas Instruments

Back Button ADC12D1600CCMPR Datasheet HTML 46Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 47Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 48Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 49Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 50Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 51Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 52Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 53Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
CLK+
CLK-
ADC12D1600/1000RF
Ccouple
Ccouple
ADC12D1600/1000RF
VIN+
50:
Source
VIN-
1:2 Balun
Ccouple
Ccouple
100:
ADC12D1600QML
SNAS615 – DECMEBER 2012
www.ti.com
The analog inputs for the ADC12D1600 are internally buffered, which simplifies the task of driving these inputs
and the RC pole which is generally used at sampling ADC inputs is not required. If the user desires to place an
amplifier circuit before the ADC, care should be taken to choose an amplifier with adequate noise and distortion
performance, and adequate gain at the frequencies used for the application.
Single-Ended Input Signals
The analog inputs of the ADC12D1600 are not designed to accept single-ended signals. The best way to handle
single-ended signals is to first convert them to differential signals before presenting them to the ADC. The easiest
way to accomplish single-ended to differential signal conversion is with an appropriate balun-transformer, as
shown in Figure 49.
Figure 49. Single-Ended to Differential Conversion Using a Balun
When selecting a balun, it is important to understand the input architecture of the ADC. The impedance of the
analog source should be matched to the ADC12D1600's on-chip 100
Ω differential input termination resistor. The
range of this termination resistor is specified as RIN in Converter Electrical Characteristics – Analog Input/Output
and Reference Characteristics.
THE CLOCK INPUTS
The ADC12D1600 has a differential clock input, CLK+ and CLK-, which must be driven with an AC-coupled,
differential clock signal. This provides the level shifting necessary to allow for the clock to be driven with LVDS,
PECL, LVPECL, or CML levels. The clock inputs are internally terminated to 100
Ω differential and self-biased.
This section covers coupling, frequency range, level, duty-cycle, jitter, and layout considerations.
CLK Coupling
The clock inputs of the ADC12D1600 must be capacitively coupled to the clock pins as indicated in Figure 50.
Figure 50. Differential Input Clock Connection
The choice of capacitor value will depend on the clock frequency, capacitor component characteristics and other
system economic factors. For example, on the ADC12D1600QML RB, the capacitors have the value Ccouple = 4.7
nF which yields a highpass cutoff frequency, fc = 677.2 kHz.
CLK Frequency
Although the ADC12D1600 is tested and its performance is specified with a differential 1.6 GHz sampling clock, it
will typically function well over the input clock frequency range; see fCLK(min) and fCLK(max) in Converter
Electrical Characteristics – AC Electrical Characteristics. Operation up to fCLK(max) is possible if the maximum
ambient temperatures indicated are not exceeded. Operating at sample rates above fCLK(max) for the maximum
ambient temperature may result in reduced device reliability and product lifetime. This is due to the fact that
higher sample rates results in higher power consumption and die temperatures. If in Non-LSPSM and fCLK < 300
MHz, enable LFS in the Control Register (Addr: 0h, Bit 8). In LSPSM, this register bit is already enabled.
50
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADC12D1600QML


Similar Part No. - ADC12D1600CCMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI1-ADC12D1600CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
ADC12D1600CIUT/NOPB TI1-ADC12D1600CIUT/NOPB Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1600CCMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI1-ADC12D1620QML-SP Datasheet
3Mb / 82P
[Old version datasheet]   12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
logo
Texas Instruments
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com