Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1600QML Datasheet(PDF) 19 Page - Texas Instruments

Part # ADC12D1600QML
Description  12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1600QML Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC12D1600QML Datasheet HTML 15Page - Texas Instruments ADC12D1600QML Datasheet HTML 16Page - Texas Instruments ADC12D1600QML Datasheet HTML 17Page - Texas Instruments ADC12D1600QML Datasheet HTML 18Page - Texas Instruments ADC12D1600QML Datasheet HTML 19Page - Texas Instruments ADC12D1600QML Datasheet HTML 20Page - Texas Instruments ADC12D1600QML Datasheet HTML 21Page - Texas Instruments ADC12D1600QML Datasheet HTML 22Page - Texas Instruments ADC12D1600QML Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
ADC12D1600QML
www.ti.com
SNAS615 – DECMEBER 2012
Converter Electrical Characteristics – Power Supply Characteristics
Sub-
Symbol
Parameter
Conditions
Notes
Typ
Min
Max
Units
groups
fCLK = 1.6 GHz,1:2 Demux Mode, Non-LSPSM
IA
Analog Supply Current
PDI = PDQ = Low
1160
1290
mA
1, 2, 3
PDI = Low; PDQ = High
637
mA
PDI = High; PDQ = Low
635
mA
PDI = PDQ = High
2
mA
ITC
Track-and-Hold and Clock
PDI = PDQ = Low
471
520
mA
1, 2, 3
Supply Current
PDI = Low; PDQ = High
284
mA
PDI = High; PDQ = Low
284
mA
PDI = PDQ = High
1
mA
IDR
Output Driver Supply
PDI = PDQ = Low
281
380
mA
1, 2, 3
Current
PDI = Low; PDQ = High
149
mA
PDI = High; PDQ = Low
143
mA
PDI = PDQ = High
8
µA
IE
Digital Encoder Supply
PDI = PDQ = Low
90
163
mA
1, 2, 3
Current
PDI = Low; PDQ = High
54
mA
PDI = High; PDQ = Low
42
mA
PDI = PDQ = High
0.04
µA
IT
Total Current
PDI = PDQ = Low
90
2280
mA
1, 2, 3
PDI = Low; PDQ = High
54
1300
mA
1, 2, 3
PDI = High; PDQ = Low
42
1300
mA
1, 2, 3
PDI = PDQ = High
0.04
µA
PC
Power Consumption
PDI = PDQ = Low
3.8
4.4
W
1, 2, 3
PDI = Low; PDQ = High
2.1
W
PDI = High; PDQ = Low
2.1
W
PDI = PDQ = High
5.2
mW
fCLK = 800 MHz,1:2 Demux Mode, LSPSM
IA
Analog Supply Current
PDI = PDQ = Low
754
860
mA
1, 2, 3
PDI = Low; PDQ = High
423
mA
PDI = High; PDQ = Low
423
mA
PDI = PDQ = High
2
mA
ITC
Track-and-Hold and Clock
PDI = PDQ = Low
344
380
mA
1, 2, 3
Supply Current
PDI = Low; PDQ = High
212
mA
PDI = High; PDQ = Low
212
mA
PDI = PDQ = High
1
mA
IDR
Output Driver Supply
PDI = PDQ = Low
273
350
mA
1, 2, 3
Current
PDI = Low; PDQ = High
141
mA
PDI = High; PDQ = Low
141
mA
PDI = PDQ = High
8
µA
IE
Digital Encoder Supply
PDI = PDQ = Low
46
79
mA
1, 2, 3
Current
PDI = Low; PDQ = High
24
mA
PDI = High; PDQ = Low
22
mA
PDI = PDQ = High
0.03
µA
IT
Total Current
PDI = PDQ = Low
1417
1620
mA
1, 2, 3
PDI = Low; PDQ = High
801
940
mA
1, 2, 3
PDI = High; PDQ = Low
799
940
mA
1, 2, 3
PDI = PDQ = High
2.7
µA
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADC12D1600QML


Similar Part No. - ADC12D1600QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1600 TI-ADC12D1600 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600 TI-ADC12D1600 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI1-ADC12D1600CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1600QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI1-ADC12D1620QML-SP Datasheet
3Mb / 82P
[Old version datasheet]   12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
logo
Texas Instruments
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com