Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4840 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # AN4840
Description  Gate Triggering and Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

AN4840 Datasheet(HTML) 3 Page - Dynex Semiconductor

  AN4840 Datasheet HTML 1Page - Dynex Semiconductor AN4840 Datasheet HTML 2Page - Dynex Semiconductor AN4840 Datasheet HTML 3Page - Dynex Semiconductor AN4840 Datasheet HTML 4Page - Dynex Semiconductor AN4840 Datasheet HTML 5Page - Dynex Semiconductor AN4840 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AN 4840
Page 3 of 6
The limits take into account the temperature
range -40 to +125C. All devices will have
characteristics between these limits.
Gate characteristic information is used in
conjunction with firing circuit output load
lines to pre-determine operating values of
gate current and voltage - see below.
Gate Rating Limits
Thyristors turn on best when Ig and Vg values
are well above Igt and Vgt limits - see below.
However, peak gate current, gate voltage and
power rating limits should not be exceeded.
Vfgm. Peak forward gate voltage.
If the open circuit voltage of the firing circuit
exceeds this rating (usually 30 volts) there is a
danger of internal voltage breakdown. In
practice, 50 or more volts can often be
achieved but is not guaranteed since some
internal device constructions are limited.
Ifgm. Peak forward gate current.
This rating is determined by the
current carrying capability of internal gate
leads, bonds and surface metallisation of the
thyristor, depending on the technology.
Note that the 'X' axis of the graph
only extends to 10 amps so that the Ifgm limit
of large thyristors is not shown.
Pgm. Peak gate power.
The average heating effect of the gate
current is the issue here. Thus, a narrow
rectangular pulse of high Pqm is as
permissible as a wide pulse of low Pgm.
Included on the graph is a table showing
maximum permitted peak gate power for
various pulse widths and repetition rates. Also
on the graph are lines of constant power.
These lines are the power limits
corresponding to the pulse powers given in
the table and are used in conjunction with
gate drive load lines. Note the limit for the
AVERAGE gate power is given by the 50Hz
10,000 µs pulse combination as 10 watts.
Matching the gate drive/firing circuit to
the thyristor triggering requirements
The basic approach is to draw the output load
line of the firing circuit onto the gate
characteristic curve. It is usually assumed that
the gate drive has a purely resistive linear
characterisation - fig 2. The characteristic is
defined by its open circuit source voltage Voc
and its short circuit current Isc. The straight
line between these 2 points represents the
Fig.2 Output load line for gate drive
internal source resistance of the gate drive.
Gate drive output is often defined in terms of
its open circuit voltage and internal source
resistance.
To select the correct gate drive load line it is
useful to draw several possibilities onto the
characteristic curve (Fig 1). Compare the 20V,


Similar Part No. - AN4840

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN4811 MAXIM-AN4811 Datasheet
1Mb / 216P
   MAXQ FAMILY USER?셎 GUIDE
Rev: 6; 9/08
logo
Dynex Semiconductor
AN4839 DYNEX-AN4839 Datasheet
116Kb / 5P
   Power Assemblies
AN4853 DYNEX-AN4853 Datasheet
47Kb / 2P
   Thyristor - Diode Measurement With A Multimeter
logo
Silicon Laboratories
AN486 SILABS-AN486 Datasheet
396Kb / 10P
   High-Side Bootstrap Design Using ISODrivers in Power Delivery Systems
logo
STMicroelectronics
AN4861 STMICROELECTRONICS-AN4861 Datasheet
2Mb / 91P
   LCD-TFT display controller (LTDC) on STM32 MCUs
February 2017 Rev 2
More results

Similar Description - AN4840

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACT108-600D WEEN-ACT108-600D Datasheet
357Kb / 12P
   Exclusive negative gate triggering
logo
Festo Corporation.
6685 FESTO-6685 Datasheet
72Kb / 1P
   AND gate
4/15/22
logo
Minilogic Device Corpor...
ML74WLAD MINILOGIC-ML74WLAD Datasheet
156Kb / 4P
   NAND Gate (unbuffered) and AND Gate (unbuffered)
ML74WLDE MINILOGIC-ML74WLDE Datasheet
154Kb / 4P
   AND Gate (unbuffered) and OR Gate (unbuffered)
logo
Festo Corporation.
6680 FESTO-6680 Datasheet
87Kb / 1P
   AND gate
4/15/22
logo
Minilogic Device Corpor...
ML74WLBD MINILOGIC-ML74WLBD Datasheet
154Kb / 4P
   NOR Gate (unbuffered) and AND Gate (unbuffered)
logo
First Silicon Co., Ltd
FTK2306 FS-FTK2306 Datasheet
408Kb / 4P
   low gate charge and operation with gate low gate charge and operation with gate
logo
ON Semiconductor
MC10197 ONSEMI-MC10197_02 Datasheet
86Kb / 4P
   Hex AND Gate
January, 2002 ??Rev. 7
logo
Intersil Corporation
CD4073BMS INTERSIL-CD4073BMS Datasheet
115Kb / 10P
   CMOS AND Gate
logo
Minilogic Device Corpor...
ML74WLAE MINILOGIC-ML74WLAE Datasheet
156Kb / 4P
   NAND Gate (unbuffered) and OR Gate (unbuffered)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com