Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4420DYPBF Datasheet(PDF) 6 Page - International Rectifier

Part # SI4420DYPBF
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SI4420DYPBF Datasheet(HTML) 6 Page - International Rectifier

  SI4420DYPBF Datasheet HTML 1Page - International Rectifier SI4420DYPBF Datasheet HTML 2Page - International Rectifier SI4420DYPBF Datasheet HTML 3Page - International Rectifier SI4420DYPBF Datasheet HTML 4Page - International Rectifier SI4420DYPBF Datasheet HTML 5Page - International Rectifier SI4420DYPBF Datasheet HTML 6Page - International Rectifier SI4420DYPBF Datasheet HTML 7Page - International Rectifier SI4420DYPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Si4420DYPbF
6
www.irf.com
Fig 12. Typical On-Resistance Vs. Drain
Current
Fig 13. Typical On-Resistance Vs. Gate
Voltage
0.00
0.04
0.08
0.12
0.16
0.20
010
20
30
40
50
A
I , Drain Current (A)
D
V
= 10V
GS
V
= 4.5V
GS
Fig 14. Typical Threshold Voltage Vs.Temperature
Fig 15. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0
200
400
600
800
1000
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
4.0A
7.1A
8.9A
-60
-20
20
60
100
140
180
TJ , Temperature (°C)
1.0
1.5
2.0
2.5
3.0
ID = 250µA
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VGS, Gate -to -Source Voltage (V)
0.006
0.008
0.010
0.012
ID = 12.5A


Similar Part No. - SI4420DYPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SI4420DYPBF IRF-SI4420DYPBF Datasheet
119Kb / 8P
   HEXFETPower MOSFET
More results

Similar Description - SI4420DYPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com