Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHNM57110 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHNM57110
Description  Simple Drive Requirements
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNM57110 Datasheet(HTML) 3 Page - International Rectifier

  IRHNM57110_15 Datasheet HTML 1Page - International Rectifier IRHNM57110_15 Datasheet HTML 2Page - International Rectifier IRHNM57110_15 Datasheet HTML 3Page - International Rectifier IRHNM57110_15 Datasheet HTML 4Page - International Rectifier IRHNM57110_15 Datasheet HTML 5Page - International Rectifier IRHNM57110_15 Datasheet HTML 6Page - International Rectifier IRHNM57110_15 Datasheet HTML 7Page - International Rectifier IRHNM57110_15 Datasheet HTML 8Page - International Rectifier IRHNM57110_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.irf.com
3
IRHNM57110, JANSR2N7503U8
Pre-Irradiation
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capabil-
ity. The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Fig a. Typical Single Event Effect, Safe Operating Area
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Parameter
Up to 300K Rads (Si)1
Units
Test Conditions
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
100
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
10
µA
VDS = 80V, VGS = 0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-3)
0.226
VGS = 12V, ID = 4.4A
RDS(on)
Static Drain-to-Source On-state
„
VSD
Diode Forward Voltage
„
1.2
V
VGS = 0V, ID = 6.9A
Resistance (SMD-0.2)
0.22
VGS = 12V, ID = 4.4A
1. Part Numbers IRHNM57110, IRHNM53110. Additional part numbers ae listed on page 10.
…†
Radiation Characteristics
Table 2. Typical Single Event Effect Safe Operating Area
LET
Energy
RangeVDS (V)
(MeV/(mg/cm
2))
(MeV)
(µm)
@VGS =
@VGS =
@VGS =
@VGS =
@VGS =
0V
-5V
-10V
-15V
-20V
38 ± 5%
300 ± 7.5%
38 ± 7.5%
100
100
100
100
100
61 ± 5%
330 ± 7.5%
31 ± 10%
100
100
100
35
25
84 ± 5%
350 ± 10%
28 ± 7.5%
100
100
80
25
-
0
20
40
60
80
100
120
-20
-15
-10
-5
0
Bias VGS (V)
LET=38 ± 5%
LET=61 ± 5%
LET=84 ± 5%


Similar Part No. - IRHNM57110_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNM57110 IRF-IRHNM57110 Datasheet
226Kb / 10P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
More results

Similar Description - IRHNM57110_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com