Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5302 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX5302
Description  Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5302 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Power, 12-Bit Voltage-Output DAC
with Serial Interface
4
_______________________________________________________________________________________
10
9
8
7
6
5
4
3
2
1
0
-60
-20
20
60
100
140
POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-100
0.5
1.6
3.8
OUTPUT FFT PLOT
-60
0
FREQUENCY (kHz)
2.7
4.9
6.0
-20
-40
-80
VREF = 3.6Vp-p
CODE = FULL SCALE
fIN = 1kHz
4.0
4.4
4.8
6.0
5.2
5.6
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
400
350
500
450
300
250
150
100
200
50
0
-50
-90
1
100
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
-85
FREQUENCY (kHz)
-70
-60
10
-55
-80
-75
-65
VREF = 2.5VDC + 1Vp-p SINE
CODE = FULL SCALE
2.49956
2.49960
2.49964
2.49968
2.49972
2.49976
2.49980
0.1k
1k
10k
1M
100k
FULL-SCALE OUTPUT vs. LOAD
LOAD (
Ω)
-100
0.5
1.6
3.8
REFERENCE FEEDTHROUGH
AT 1kHz
-60
0
FREQUENCY (kHz)
2.7
4.9
6.0
-20
-40
-80
OUTPUT FEEDTHROUGH
REFERENCE INPUT SIGNAL
__________________________________________Typical Operating Characteristics
(VDD = +5V, RL = 5k
Ω, CL = 100pF, TA = +25°C, unless otherwise noted.)
-0.5
0.4
1.2
2.0
2.8
3.6
REFERENCE VOLTAGE (V)
4.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE
0
-4
-8
-12
-16
-20
500k
0
1M
1.5M
2M
2.5M
3M
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
FREQUENCY (Hz)
400
380
360
340
320
300
280
260
240
220
200
-60
-20
20
60
100
140
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
RL =


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn