Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5302 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX5302
Description  Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5302 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Power, 12-Bit Voltage-Output DAC
with Serial Interface
_______________________________________________________________________________________
3
(Note 3)
CS = VDD, DIN = 100kHz
Rail-to-rail (Note 2)
To ±1/2LSB, VSTEP = 2.5V
CONDITIONS
mA
0.28
0.4
IDD
Supply Current
V
4.5
5.5
VDD
Supply Voltage
nVs
5
Digital Feedthrough
µs
20
Start-Up Time
µA
0.001
±0.1
Current into FB
V
0 to VDD
Output Voltage Swing
µs
14
Output Settling Time
V/µs
0.6
SR
Voltage Output Slew Rate
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 3)
µA
420
Supply Current in Shutdown
µA
0.001
±0.5
Reference Current in Shutdown
ns
40
tCH
SCLK Pulse Width High
ns
100
tCP
SCLK Clock Period
ns
40
tCSS
CS Fall to SCLK Rise Setup Time
ns
40
tDS
DIN Setup Time
ns
0
tCSH
SCLK Rise to CS Rise Hold Time
ns
40
tCL
SCLK Pulse Width Low
ns
40
tCS1
CS Rise to SCLK Rise Hold Time
ns
100
tCSW
CS Pulse Width High
ns
40
tCS0
SCLK Rise to CS Fall Delay
ns
0
tDH
DIN Hold Time
Note 1: Guaranteed from code 11 to code 4095 in unity-gain configuration.
Note 2: Accuracy is better than 1LSB for VOUT = 8mV to (VDD - 100mV), guaranteed by a power-supply rejection test at the end
points.
Note 3: RL =
∞, digital inputs at GND or VDD.
DIGITAL INPUTS
DYNAMIC PERFORMANCE
POWER SUPPLIES
TIMING CHARACTERISTICS (Figure 6)
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 8, VDD = +5V ±10%, VREF = +2.5V, RL = 5k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C. Output buffer connected in unity-gain configuration.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn