Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5302 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5302
Description  Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5302 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5302 Datasheet HTML 4Page - Maxim Integrated Products MAX5302 Datasheet HTML 5Page - Maxim Integrated Products MAX5302 Datasheet HTML 6Page - Maxim Integrated Products MAX5302 Datasheet HTML 7Page - Maxim Integrated Products MAX5302 Datasheet HTML 8Page - Maxim Integrated Products MAX5302 Datasheet HTML 9Page - Maxim Integrated Products MAX5302 Datasheet HTML 10Page - Maxim Integrated Products MAX5302 Datasheet HTML 11Page - Maxim Integrated Products MAX5302 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-Power, 12-Bit Voltage-Output DAC
with Serial Interface
______________________________________________________________________________________
11
Chip Information
TRANSISTOR COUNT: 3053
SUBSTRATE CONNECTED TO AGND
DAC
OUT
10k
26k
REF
VDD
GND
+5V
AC
REFERENCE
INPUT
500mVp-p
MAX5302
MAX495
+5V
Figure 11. AC Reference Input Circuit
DAC
MAX5302
REF
OUT
R
IOUT
2N3904
VL
FB
+5V
VDD
GND
Figure 12. Digitally Programmable Current Source


Similar Part No. - MAX5302

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5304CUA MAXIM-MAX5304CUA Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5304EUA MAXIM-MAX5304EUA Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5306 MAXIM-MAX5306 Datasheet
99Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A March 30, 2004
More results

Similar Description - MAX5302

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5722 MAXIM-MAX5722 Datasheet
686Kb / 14P
   12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5104 MAXIM-MAX5104 Datasheet
119Kb / 12P
   Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Rev 0; 11/99
logo
IC MICROSYSTEMS
ICM7722 ICMIC-ICM7722 Datasheet
137Kb / 10P
   12-Bit 1.2v Low Power Dual DAC With Serial Interface and Voltage Output
ICM7712 ICMIC-ICM7712 Datasheet
333Kb / 9P
   12-Bit 1.2v Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
   10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com