Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBD7000 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMBD7000
Description  Double high-speed switching diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBD7000 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMBD7000_15 Datasheet HTML 3Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 4Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 5Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 6Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 7Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 8Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 9Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 10Page - NXP Semiconductors PMBD7000_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PMBD7000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 16 September 2010
7 of 12
NXP Semiconductors
PMBD7000
Double high-speed switching diode
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 8.
Package outline PMBD7000 (SOT23/TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PMBD7000
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235


Similar Part No. - PMBD7000_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD7000-215 NXP-PMBD7000-215 Datasheet
281Kb / 12P
   Double high-speed switching diode
Rev. 4-16 September 2010
More results

Similar Description - PMBD7000_15

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV99W SEMTECH_ELEC-BAV99W Datasheet
311Kb / 2P
   HIGH-SPEED DOUBLE SWITCHING DIODE
logo
Nexperia B.V. All right...
BAV70W-Q NEXPERIA-BAV70W-Q Datasheet
205Kb / 11P
   High-speed switching double diode
14 June 2021
logo
SEMTECH ELECTRONICS LTD...
BAW56 SEMTECH_ELEC-BAW56 Datasheet
169Kb / 2P
   HIGH SPEED DOUBLE SWITCHING DIODE
logo
Nexperia B.V. All right...
PMBD7000 NEXPERIA-PMBD7000 Datasheet
383Kb / 13P
   Double high-speed switching diode
Rev. 4 - 16 September 2010
logo
NXP Semiconductors
PMBD7000-215 NXP-PMBD7000-215 Datasheet
281Kb / 12P
   Double high-speed switching diode
Rev. 4-16 September 2010
logo
Nexperia B.V. All right...
BAV70-Q NEXPERIA-BAV70-Q Datasheet
207Kb / 11P
   High-speed switching double diode
14 June 2021
BAV70S-Q NEXPERIA-BAV70S-Q Datasheet
213Kb / 11P
   High-speed switching double diode
14 June 2021
logo
Guangdong Kexin Industr...
1SS303 KEXIN-1SS303 Datasheet
45Kb / 1P
   HIGH SPEED SWITCHING SILICON EPITAXIAL DOUBLE DIODE
1SS304 KEXIN-1SS304 Datasheet
45Kb / 1P
   HIGH SPEED SWITCHING SILICON EPITAXIAL DOUBLE DIODE
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com