Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2020CPAS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG2020CPAS
Description  20 V, 2 A low VF dual MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2020CPAS Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG2020CPAS_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PMEG2020CPAS
20 V, 2 A low VF dual MEGA Schottky barrier rectifier
20 January 2015
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier in
common cathode configuration with an integrated guard ring for stress protection,
encapsulated in an ultra thin DFN2020D-3 (SOT1061D) leadless small Surface-Mounted
Device (SMD) plastic package with visible and solderable side pads.
2. Features and benefits
Average forward current IF(AV) ≤ 2 A
Reverse voltage VR ≤ 20 V
Low forward voltage VF ≤ 420 mV
Low reverse current
Reduced Printed-Circuit-Board (PCB) area requirements
Exposed heat sink (cathode pad) for excellent thermal and electrical conductivity
Leadless small SMD plastic package with visible and solderable side pads
Suitable for Automatic Optical Inspection (AOI) of solder joints
AEC-Q101 qualified
3. Applications
Low voltage rectification
High efficiency DC-to-DC conversion
Switch Mode Power Supply (SMPS)
Free-wheeling application
Reverse polarity protection
Low power consumption application
Battery chargers for mobile equipment
LED backlight for mobile application
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
δ = 0.5; f = 20 kHz; Tamb ≤ 80 °C;
square wave
[1]
-
-
2
A
IF(AV)
average forward
current
δ = 0.5; f = 20 kHz; Tsp ≤ 140 °C;
square wave
-
-
2
A


Similar Part No. - PMEG2020CPAS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2020CPAS NEXPERIA-PMEG2020CPAS Datasheet
713Kb / 15P
   20 V, 2 A low VF dual MEGA Schottky barrier rectifier
More results

Similar Description - PMEG2020CPAS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2020CPAS NEXPERIA-PMEG2020CPAS Datasheet
713Kb / 15P
   20 V, 2 A low VF dual MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2020EPK PHILIPS-PMEG2020EPK_15 Datasheet
209Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
10 February 2014
PMEG2020EPAS PHILIPS-PMEG2020EPAS_15 Datasheet
230Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG2020EPK NEXPERIA-PMEG2020EPK Datasheet
701Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG2020EPAS NEXPERIA-PMEG2020EPAS Datasheet
713Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2020CPA NXP-PMEG2020CPA Datasheet
333Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-5 August 2010
PMEG3020CPA PHILIPS-PMEG3020CPA_15 Datasheet
346Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-24 August 2010
logo
Nexperia B.V. All right...
PMEG2020CPA NEXPERIA-PMEG2020CPA Datasheet
432Kb / 16P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1 - 5 August 2010
logo
NXP Semiconductors
PMEG2020CPA PHILIPS-PMEG2020CPA_15 Datasheet
333Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-5 August 2010
logo
Nexperia B.V. All right...
PMEG3020CPA NEXPERIA-PMEG3020CPA Datasheet
446Kb / 16P
   2 A low VF dual MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com