Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8N3SV75 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT8N3SV75
Description  Fourth generation FemtoClock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8N3SV75 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT8N3SV75 Datasheet HTML 1Page - Integrated Device Technology IDT8N3SV75 Datasheet HTML 2Page - Integrated Device Technology IDT8N3SV75 Datasheet HTML 3Page - Integrated Device Technology IDT8N3SV75 Datasheet HTML 4Page - Integrated Device Technology IDT8N3SV75 Datasheet HTML 5Page - Integrated Device Technology IDT8N3SV75 Datasheet HTML 6Page - Integrated Device Technology IDT8N3SV75 Datasheet HTML 7Page - Integrated Device Technology IDT8N3SV75 Datasheet HTML 8Page - Integrated Device Technology IDT8N3SV75 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Table 4E. LVCMOS/LVTTL DC Characteristic, VCC = 3.3V ± 5% or 2.5V ± 5%, VEE = 0V, TA = -40°C to 85°C
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VCC = 3.3V
2
VCC + 0.3
V
VCC = 2.5V
1.7
VCC + 0.3
V
VIL
Input Low Voltage
VCC =VIN = 3.465V
-0.3
0.8
V
VCC =VIN = 2.5V
-0.3
0.7
V
IIH
Input High Current
OE
VCC =VIN = 3.465V or 2.625V
5
µA
IIL
Input Low Current
OE
VCC = 3.465V or 2.625V, VIN =0V
-150
µA
IDT8N3SV75 Data Sheet
LVPECL-FREQUENCY PROGRAMMABLE VCXO
IDT8N3SV75CCD REVISION A NOVEMBER 19, 2013
5
©2013 Integrated Device Technology, Inc.
Symbol
Parameter


Similar Part No. - IDT8N3SV75

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
   LVPECL Frequency-Programmable VCXO
2019
More results

Similar Description - IDT8N3SV75

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
   Fourth generation FemtoClock
IDT8N4S271 IDT-IDT8N4S271 Datasheet
513Kb / 18P
   Fourth generation FemtoClock
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
   Fourth generation FemtoClock
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
   Fourth generation FemtoClock
ICS841N254BI IDT-ICS841N254BI Datasheet
570Kb / 24P
   Fourth generation FemtoClock
IDT8T49N366I IDT-IDT8T49N366I Datasheet
495Kb / 36P
   Fourth generation FemtoClock
8T49N4811 IDT-8T49N4811 Datasheet
549Kb / 34P
   Fourth generation FemtoClock
ICS840N202I IDT-ICS840N202I Datasheet
482Kb / 31P
   Fourth generation FemtoClock
ICS843N3960I IDT-ICS843N3960I Datasheet
1Mb / 20P
   Fourth Generation FemtoClock
IDT8N3DV85 IDT-IDT8N3DV85 Datasheet
206Kb / 20P
   Fourth Generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com