Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8N3S272 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT8N3S272
Description  Fourth generation FemtoClock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8N3S272 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT8N3S272 Datasheet HTML 6Page - Integrated Device Technology IDT8N3S272 Datasheet HTML 7Page - Integrated Device Technology IDT8N3S272 Datasheet HTML 8Page - Integrated Device Technology IDT8N3S272 Datasheet HTML 9Page - Integrated Device Technology IDT8N3S272 Datasheet HTML 10Page - Integrated Device Technology IDT8N3S272 Datasheet HTML 11Page - Integrated Device Technology IDT8N3S272 Datasheet HTML 12Page - Integrated Device Technology IDT8N3S272 Datasheet HTML 13Page - Integrated Device Technology IDT8N3S272 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IDT8N3S272 Data Sheet
LVPECL FREQUENCY-PROGRAMMABLE CRYSTAL OSCILLATOR
IDT8N3S272CCD
REVISION A NOVEMBER 28, 2012
10
©2012 Integrated Device Technology, Inc.
Parameter Measurement Information, continued
RMS Period Jitter
Applications Information
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
The differential outputs are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
transmission lines. Matched impedance techniques should be used
to maximize operating frequency and minimize signal distortion.
Figures 1A and 1B show two different layouts which are
recommended only as guidelines. Other suitable clock layouts may
exist and it would be recommended that the board designers
simulate to guarantee compatibility across all printed circuit and clock
component process variations.
Figure 1A. 3.3V LVPECL Output Termination
Figure 1B. 3.3V LVPECL Output Termination
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
3.3V
V
CC - 2V
R1
50
Ω
R2
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
+
_
RTT =
* Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
LVPECL
Input
R1
84
Ω
R2
84
Ω
3.3V
R3
125
Ω
R4
125
Ω
Z
o = 50Ω
Z
o = 50Ω
LVPECL
Input
3.3V
3.3V
+
_


Similar Part No. - IDT8N3S272

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3S272 RENESAS-IDT8N3S272 Datasheet
715Kb / 19P
   LVPECL Frequency-Programmable Crystal Oscillator
NOVEMBER 28, 2012
More results

Similar Description - IDT8N3S272

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N4S271 IDT-IDT8N4S271 Datasheet
513Kb / 18P
   Fourth generation FemtoClock
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
   Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
   Fourth generation FemtoClock
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
   Fourth generation FemtoClock
ICS841N254BI IDT-ICS841N254BI Datasheet
570Kb / 24P
   Fourth generation FemtoClock
IDT8T49N366I IDT-IDT8T49N366I Datasheet
495Kb / 36P
   Fourth generation FemtoClock
8T49N4811 IDT-8T49N4811 Datasheet
549Kb / 34P
   Fourth generation FemtoClock
ICS840N202I IDT-ICS840N202I Datasheet
482Kb / 31P
   Fourth generation FemtoClock
ICS843N3960I IDT-ICS843N3960I Datasheet
1Mb / 20P
   Fourth Generation FemtoClock
IDT8N3DV85 IDT-IDT8N3DV85 Datasheet
206Kb / 20P
   Fourth Generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com