Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8N3S270 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT8N3S270
Description  Fourth generation FemtoClock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8N3S270 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT8N3S270 Datasheet HTML 1Page - Integrated Device Technology IDT8N3S270 Datasheet HTML 2Page - Integrated Device Technology IDT8N3S270 Datasheet HTML 3Page - Integrated Device Technology IDT8N3S270 Datasheet HTML 4Page - Integrated Device Technology IDT8N3S270 Datasheet HTML 5Page - Integrated Device Technology IDT8N3S270 Datasheet HTML 6Page - Integrated Device Technology IDT8N3S270 Datasheet HTML 7Page - Integrated Device Technology IDT8N3S270 Datasheet HTML 8Page - Integrated Device Technology IDT8N3S270 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATA SHEET
IDT8N3S270CCD REVISION A MAY 15, 2012
1
©2012 Integrated Device Technology, Inc.
LVPECL Frequency-Programmable
Crystal Oscillator
IDT8N3S270
General Description
The ICS8N3S270 is a Frequency-Programmable Crystal Oscillator
with very flexible frequency programming capabilities. The device
uses IDT’s fourth generation FemtoClock® NG technology for an
optimum of high clock frequency and low phase noise performance.
The device accepts 2.5V or 3.3V supply and is packaged in a small,
lead-free (RoHS 6) 6-lead ceramic 5mm x 7mm x 1.55mm package.
The device can be factory programmed to any frequency in the
range from 15.476MHz to 866.67MHz and from 975MHz to
1,300MHz and supports a very high degree of frequency precision of
218Hz or better. The extended temperature range supports wireless
infrastructure, telecommun- ication and networking end equipment
requirements.
Features
Fourth generation FemtoClock® NG technology
Factory-programmable clock output frequency from 15.476MHz to
866.67MHz and from 975MHz to 1,300MHz
Frequency programming resolution is 218Hz and better
One 2.5V or 3.3V LVPECL clock output
Output enable control (positive polarity), LVCMOS/LVTTL
compatible
RMS phase jitter @ 156.25MHz (12kHz - 20MHz): 0.24ps
(typical), integer PLL feedback configuration
RMS phase jitter @ 156.25MHz (1kHz - 40MHz): 0.27ps (typical),
integer PLL feedback configuration
2.5V or 3.3V supply
-40°C to 85°C ambient operating temperature
Available in a lead-free (RoHS 6) 6-pin ceramic package
1
2
3
6
5
4
OE
DNU
VEE
VCC
nQ
Q
IDT8N3S270
6-lead ceramic 5mm x 7mm x 1.55mm
package body
CD Package
Top View
Pin Assignment
Block Diagram
Q
nQ
OSC
fXTAL
÷MINT, MFRAC
PFD
&
LPF
FemtoClock® NG
VCO
1950-2600MHz
÷N
Configuration Register (ROM)
25
7
OE
Pullup
2
÷P


Similar Part No. - IDT8N3S270

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3S270 RENESAS-IDT8N3S270 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N3S270EC-1103 RENESAS-IDT8N3S270EC-1103 Datasheet
1Mb / 16P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
More results

Similar Description - IDT8N3S270

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
   Fourth generation FemtoClock
IDT8N4S271 IDT-IDT8N4S271 Datasheet
513Kb / 18P
   Fourth generation FemtoClock
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
   Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
   Fourth generation FemtoClock
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
   Fourth generation FemtoClock
ICS841N254BI IDT-ICS841N254BI Datasheet
570Kb / 24P
   Fourth generation FemtoClock
IDT8T49N366I IDT-IDT8T49N366I Datasheet
495Kb / 36P
   Fourth generation FemtoClock
8T49N4811 IDT-8T49N4811 Datasheet
549Kb / 34P
   Fourth generation FemtoClock
ICS840N202I IDT-ICS840N202I Datasheet
482Kb / 31P
   Fourth generation FemtoClock
ICS843N3960I IDT-ICS843N3960I Datasheet
1Mb / 20P
   Fourth Generation FemtoClock
IDT8N3DV85 IDT-IDT8N3DV85 Datasheet
206Kb / 20P
   Fourth Generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com