Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8N3DV85 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT8N3DV85
Description  Fourth Generation FemtoClock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8N3DV85 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT8N3DV85 Datasheet HTML 1Page - Integrated Device Technology IDT8N3DV85 Datasheet HTML 2Page - Integrated Device Technology IDT8N3DV85 Datasheet HTML 3Page - Integrated Device Technology IDT8N3DV85 Datasheet HTML 4Page - Integrated Device Technology IDT8N3DV85 Datasheet HTML 5Page - Integrated Device Technology IDT8N3DV85 Datasheet HTML 6Page - Integrated Device Technology IDT8N3DV85 Datasheet HTML 7Page - Integrated Device Technology IDT8N3DV85 Datasheet HTML 8Page - Integrated Device Technology IDT8N3DV85 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATASHEET
LVPECL Dual-Frequency
Programmable VCXO
IDT8N3DV85
IDT8N3DV85CCD REVISION A OCTOBER 30, 2013
1
©2013 Integrated Device Technology, Inc.
General Description
The IDT8N3DV85 is a LVPECL Dual-Frequency Programmable
VCXO with very flexible frequency and pull-range programming
capabilities. The device uses IDT’s fourth generation FemtoClock®
NG technology for an optimum of high clock frequency and low
phase noise performance. The device accepts 2.5V or 3.3V supply
and is packaged in a small, lead-free (RoHS 6) 6-lead ceramic 5mm
x 7mm x 1.55mm package.
The device can be factory-programmed to any two frequencies in the
range of 15.476MHz to 866.67MHz and from 975MHz to 1,300MHz
to the very high degree of frequency precision of 218Hz or better.
The output frequency is selected by the FSEL pin. The extended
temperature range supports wireless infrastructure, telecommuni-
cation and networking end equipment requirements.
Features
Fourth Generation FemtoClock® NG technology
Programmable clock output frequency from 15.476MHz to
866.67MHz and from 975MHz to 1,300MHz
Two factory-programmed output frequencies
VCO frequency programming resolution is 218Hz and better
Factory-programmable VCXO pull range and control voltage
polarity
VCXO pull range programmable from typical ±12.5 to ±787.5ppm
One 2.5V or 3.3V LVPECL clock output
FSEL control input for frequency selection, LVCMOS/LVTTL
compatible
RMS phase jitter @ 622.08MHz (12kHz - 20MHz):0.46ps (typical)
RMS phase jitter @ 622.08MHz (50kHz - 80MHz): 0.47ps (typical)
2.5V or 3.3V supply voltage
-40°C to 85°C ambient operating temperature
Lead-free (RoHS 6) 6-lead ceramic 5mm x 7mm x 1.55mm
package
1
2
3
6
5
4
VC
FSEL
VEE
VCC
nQ
Q
Block Diagram
Pin Assignment
IDT8N3DV85
6-lead ceramic 5mm x 7mm x 1.55mm
package body
CD Package
Top View
Q
nQ
OSC
114.285 MHz
÷MINT, MFRAC
PFD
&
LPF
FemtoClock® NG
VCO
1950-2600MHz
÷N
Configuration Register (ROM)
(Frequency, Pull range, Polarity)
23
7
VC
FSEL
Pulldown
A/D
9
÷P
2


Similar Part No. - IDT8N3DV85

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3DV85 RENESAS-IDT8N3DV85 Datasheet
651Kb / 21P
   LVPECL Dual-Frequency Programmable VCXO
OCTOBER 30, 2013
More results

Similar Description - IDT8N3DV85

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
   Fourth generation FemtoClock
IDT8N4S271 IDT-IDT8N4S271 Datasheet
513Kb / 18P
   Fourth generation FemtoClock
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
   Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
   Fourth generation FemtoClock
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
   Fourth generation FemtoClock
ICS841N254BI IDT-ICS841N254BI Datasheet
570Kb / 24P
   Fourth generation FemtoClock
IDT8T49N366I IDT-IDT8T49N366I Datasheet
495Kb / 36P
   Fourth generation FemtoClock
8T49N4811 IDT-8T49N4811 Datasheet
549Kb / 34P
   Fourth generation FemtoClock
ICS840N202I IDT-ICS840N202I Datasheet
482Kb / 31P
   Fourth generation FemtoClock
ICS843N3960I IDT-ICS843N3960I Datasheet
1Mb / 20P
   Fourth Generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com