Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V49EE501 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT5V49EE501
Description  Four internal PLLs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V49EE501 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT5V49EE501 Datasheet HTML 5Page - Integrated Device Technology IDT5V49EE501 Datasheet HTML 6Page - Integrated Device Technology IDT5V49EE501 Datasheet HTML 7Page - Integrated Device Technology IDT5V49EE501 Datasheet HTML 8Page - Integrated Device Technology IDT5V49EE501 Datasheet HTML 9Page - Integrated Device Technology IDT5V49EE501 Datasheet HTML 10Page - Integrated Device Technology IDT5V49EE501 Datasheet HTML 11Page - Integrated Device Technology IDT5V49EE501 Datasheet HTML 12Page - Integrated Device Technology IDT5V49EE501 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
IDT5V49EE501
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
9
IDT5V49EE501
REV P 071015
Profile:
Waveform starts with SS_OFFSET, SS_OFFSET + SDJ,
SS_OFFSET + SDJ+1, etc.
Spread Spectrum Using Sinusoidal Profile
Example
FIN = 25MHz, FOUT = 100MHz, Fssc = 33KHz with center
spread of ±2%. Find the necessary spread spectrum
register settings.
Since the spread is center, the SS_OFFSET can be set to
'0'. Solve for the nominal M value; keep in mind that the
nominal M should be chosen to maximize
the VCO. Start with D = 1, using Eq.6 and Eq.7.
MNOM = 1200MHz / 25MHz = 48
Using Eq.4, we arbitrarily choose N = 22, A = 3. Now that we
have the nominal M value, we can determine TSSC and
NSSC by using Eq.8.
Nssc * Tssc = 25MHz / (33KHz * 4) = 190
However, using Eq. 2 and Eq.3, we find that the closest
value is when TSSC = 14 and NSSC = 6. Keep in mind to
maximize the number of samples used
to enhance the profile of the spread spectrum waveform.
Tssc = 14 + 2 = 16
Nssc = 6 * 2 = 12
Nssc * Tssc = 192
Use Eq.10 to determine the value of the
sigma-delta-encoded samples.
±2% =
* 100)/(64 * 48)
= 61.4
Either round up or down to the nearest integer value.
Therefore, we end up with 61 or 62 for sigma-delta-encoded
samples. Since the sigma-delta-encoded samples must not
exceed 63 with SS_OFFSET set to '0', 61 or 62 is well within
the limits. It is the discretion of the user to define the shape
of the profile that is better suited for the intended application.
Using Eq. 9 again, the actual spread for the
sigma-delta-encoded samples of 56 and 57 are ±1.99% and
±2.02%, respectively.
Use Eq.10 to determine if the X2 bit needs to be set;
Amplitude = 48 * (1.99 or 2.02) / 100/2 = 0.48 < 1
Therefore, the X2 = '0 '. The dither bit is left to the discretion
of the user.
The example above was of a center spread using spread
spectrum. For down spread, the nominal M value can be set
one integer value lower to 47.
Note that the IDT5V49EE501 should not be programmed
with TSSC > '0', SS_OFFSET = '0', and SD = '0' in order to
prevent an unstable state in the modulator.
The PLL loop bandwidth must be at least 10x the
modulation frequency along with higher damping (larger
uz) to prevent the spread spectrum from being filtered and
reduce extraneous noise. Refer to the LOOP FILTER
section for more detail on
uz. The A[3:0] must be used for
spread spectrum, even if the total multiplier value is an even
integer.


Similar Part No. - IDT5V49EE501

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5V49EE501 RENESAS-IDT5V49EE501 Datasheet
594Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results

Similar Description - IDT5V49EE501

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V19EE404 IDT-IDT5V19EE404 Datasheet
301Kb / 29P
   Four internal PLLs
IDT5V19EE403 IDT-IDT5V19EE403 Datasheet
300Kb / 29P
   Four internal PLLs
IDT5V49EE701 IDT-IDT5V49EE701 Datasheet
356Kb / 34P
   Four internal PLLs
logo
Integrated Silicon Solu...
IS43LR32400G ISSI-IS43LR32400G Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43LD16160A ISSI-IS43LD16160A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C32M16MD1 ALSC-AS4C32M16MD1 Datasheet
4Mb / 75P
   Four internal banks for concurrent operation
AS4C16M32MD1 ALSC-AS4C16M32MD1 Datasheet
2Mb / 58P
   Four internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LR16400C ISSI-IS43LR16400C Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R16400B ISSI-IS43R16400B Datasheet
4Mb / 57P
   Four internal banks for concurrent operation
IS43LR16640A ISSI-IS43LR16640A Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com