Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2010EPK Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PMEG2010EPK
Description  20 V, 1 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2010EPK Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PMEG2010EPK_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2010EPK_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2010EPK_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2010EPK_15 Datasheet HTML 9Page - NXP Semiconductors PMEG2010EPK_15 Datasheet HTML 10Page - NXP Semiconductors PMEG2010EPK_15 Datasheet HTML 11Page - NXP Semiconductors PMEG2010EPK_15 Datasheet HTML 12Page - NXP Semiconductors PMEG2010EPK_15 Datasheet HTML 13Page - NXP Semiconductors PMEG2010EPK_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PMEG2010EPK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 14 March 2012
11 of 14
NXP Semiconductors
PMEG2010EPK
20 V, 1 A low VF MEGA Schottky barrier rectifier
11. Revision history
Table 8.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PMEG2010EPK v.2
20120314
Product data sheet
-
PMEG2010EPK v.1
Modifications:
• 5 “Limiting values”: IF corrected
• 7 “Characteristics”: trr and VFRM added
• Fig 14. and 15: added
PMEG2010EPK v.1
20120120
Product data sheet
-
-


Similar Part No. - PMEG2010EPK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EPK PHILIPS-PMEG2010EPK Datasheet
1Mb / 13P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 January 2012
logo
Nexperia B.V. All right...
PMEG2010EPK NEXPERIA-PMEG2010EPK Datasheet
1Mb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
More results

Similar Description - PMEG2010EPK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EPAS PHILIPS-PMEG2010EPAS_15 Datasheet
231Kb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
logo
NXP Semiconductors
PMEG2010EPK PHILIPS-PMEG2010EPK Datasheet
1Mb / 13P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 January 2012
logo
Nexperia B.V. All right...
PMEG2010EPAS NEXPERIA-PMEG2010EPAS Datasheet
713Kb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010AEB NEXPERIA-PMEG2010AEB Datasheet
208Kb / 8P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG2010AEB-Q NEXPERIA-PMEG2010AEB-Q Datasheet
182Kb / 10P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
25 October 2021
logo
NXP Semiconductors
PMEG2010BELD PHILIPS-PMEG2010BELD_15 Datasheet
211Kb / 14P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
4 August 2015
logo
Nexperia B.V. All right...
PMEG2010EPK NEXPERIA-PMEG2010EPK Datasheet
1Mb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
logo
NXP Semiconductors
PMEG2010BELD NXP-PMEG2010BELD Datasheet
966Kb / 14P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-18 April 2012
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com