Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PMEG2010AEH Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. PMEG2010AEH
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PMEG2010AEH Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PMEG2010AEH_PMEG2010AET_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 28 March 2007
3 of 11
NXP Semiconductors
PMEG2010AEH; PMEG2010AET
1 A very low VF MEGA Schottky barrier rectifiers
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[4]
Soldering point of cathode tab.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
20
V
IF
forward current
Tsp ≤ 55 °C-
1
A
IFRM
repetitive peak forward current
tp ≤ 1 ms;
δ≤ 0.25
PMEG2010AEH
-
7
A
PMEG2010AET
-
6
A
IFSM
non-repetitive peak forward
current
square wave;
tp =8ms
-9
A
Ptot
total power dissipation
Tamb ≤ 25 °C
PMEG2010AEH
[1] -
375
mW
[2] -
830
mW
PMEG2010AET
[1] -
280
mW
[2] -
420
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
PMEG2010AEH
[2] -
-
330
K/W
[3] -
-
150
K/W
PMEG2010AET
[2] -
-
440
K/W
[3] -
-
300
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[4]
PMEG2010AEH
-
-
60
K/W
PMEG2010AET
-
-
120
K/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn