Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PMEG2010AEH Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. PMEG2010AEH
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PMEG2010AEH Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PMEG2010AEH_PMEG2010AET_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 28 March 2007
2 of 11
NXP Semiconductors
PMEG2010AEH; PMEG2010AET
1 A very low VF MEGA Schottky barrier rectifiers
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOD123F
1
cathode
[1]
2
anode
SOT23
1
anode
2
not connected
3
cathode
2
1
sym001
12
12
3
006aaa436
1
3
2
n.c.
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PMEG2010AEH
-
plastic surface-mounted package; 2 leads
SOD123F
PMEG2010AET
-
plastic surface-mounted package; 3 leads
SOT23
Table 5.
Marking codes
Type number
Marking code[1]
PMEG2010AEH
AF
PMEG2010AET
*AX


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn