Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PMEG2010AEH Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. PMEG2010AEH
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PMEG2010AEH Datasheet(HTML) 9 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PMEG2010AEH_PMEG2010AET_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 28 March 2007
9 of 11
NXP Semiconductors
PMEG2010AEH; PMEG2010AET
1 A very low VF MEGA Schottky barrier rectifiers
12. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PMEG2010AEH_PMEG2010AET_3 20070328
Product data sheet
-
PMEG2010AEH_2
Modifications:
The format of this data sheet has been redesigned to comply with the new
identity guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
Type number PMEG2010AET added
• Section 1.1 “General description”: amended
• Table 1 “Product overview”: added
• Table 7 “Thermal characteristics”: Table note 1 amended
• Table 7 “Thermal characteristics”: Table note 4 added
• Table 8 “Characteristics”: Cd diode capacitance conditions adapted
• Figure 2: amended
• Section 8 “Test information”: added
• Section 13 “Legal information”: updated
PMEG2010AEH_2
20050526
Product data sheet
-
PMEG2010AEH_1
PMEG2010AEH_1
20050406
Product data sheet
-
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn