Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PMEG2010AEH Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PMEG2010AEH
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PMEG2010AEH Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PMEG2010AEH_PMEG2010AET_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 28 March 2007
5 of 11
NXP Semiconductors
PMEG2010AEH; PMEG2010AET
1 A very low VF MEGA Schottky barrier rectifiers
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
f = 1 MHz; Tamb =25 °C
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
(3)
mdb823
104
103
102
10
1
10−1
IF
(mA)
0.5
0
0.1
0.2
0.3
0.4
VF (V)
(1)
(2)
(4)
006aab033
10−1
10
103
105
10−2
1
102
104
IR
(
µA)
10−3
VR (V)
020
15
510
(1)
(3)
(2)
(4)
mdb824
200
150
50
0
100
Cd
(pF)
0
5
10
20
15
VR (V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn