Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8T49N286 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # 8T49N286
Description  Auto and manual input clock selection with hitless switching
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T49N286 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button 8T49N286 Datasheet HTML 20Page - Integrated Device Technology 8T49N286 Datasheet HTML 21Page - Integrated Device Technology 8T49N286 Datasheet HTML 22Page - Integrated Device Technology 8T49N286 Datasheet HTML 23Page - Integrated Device Technology 8T49N286 Datasheet HTML 24Page - Integrated Device Technology 8T49N286 Datasheet HTML 25Page - Integrated Device Technology 8T49N286 Datasheet HTML 26Page - Integrated Device Technology 8T49N286 Datasheet HTML 27Page - Integrated Device Technology 8T49N286 Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
8T49N286 DATA SHEET
FEMTOCLOCK® NG OCTAL UNIVERSAL FREQUENCY TRANSLATOR
24
REVISION 5 07/08/15
NOTE 1: Settings other than “00” may result in a significant increase in initial lock time.
SLEW0[1:0]
R/W
00b
Phase-slope control for Digital PLL0:
00 = no limit - controlled by loop bandwidth of Digital PLL0, NOTE1.
01 = 83 µsec/sec
10 = 13 µsec/sec
11 = Reserved
HOLD0[1:0]
R/W
00b
Holdover Averaging mode selection for Digital PLL0:
00 = Instantaneous mode - uses historical value 100ms prior to entering holdover
01 = Fast Average Mode
10 = Reserved
11 = Set VCO control voltage to VCC/2
HOLDAVG0
R/W
0b
Holdover Averaging Enable for Digital PLL0:
0 = Holdover averaging disabled
1 = Holdover averaging enabled as defined in HOLD0[1:0]
FASTLCK0
R/W
0b
Enables Fast Lock operation for Digital PLL0:
0 = Normal locking using LCKBW0 & LCKDAMP0 fields in all cases
1 = Fast Lock mode using ACQBW0 & ACQDAMP0 when not phase locked and
LCKBW0 & LCKDAMP0 once phase locked
LOCK0[7:0]
R/W
3Fh
Lock window size for Digital PLL0. Unsigned 2’s complement binary number in steps
of 2.5ns, giving a total range of 640ns. Do not program to 0.
DSM_INT0[8:0]
R/W
02Dh
Integer portion of the Delta-Sigma Modulator value. Do not set higher than FFh. This
implies that for crystal frequencies lower than 16MHz, the doubler circuit must be
enabled.
DSMFRAC0[20:0]
R/W
000000h
Fractional portion of Delta-Sigma Modulator value. Divide this number by 221 to
determine the actual fraction.
DSM_ORD0[1:0]
R/W
11b
Delta-Sigma Modulator Order for Digital PLL0:
00 = Delta-Sigma Modulator disabled
01 = 1st order modulation
10 = 2nd order modulation
11 = 3rd order modulation
DCXOGAIN0[1:0]
R/W
01b
Multiplier applied to instantaneous frequency error before it is applied to the Digitally
Controlled Oscillator in Digital PLL0:
00 = 0.5
01 = 1
10 = 2
11 = 4
DITHGAIN0[2:0]
R/W
000b
Dither Gain setting for Digital PLL0:
000 = no dither
001 = Least Significant Bit (LSB) only
010 = 2 LSBs
011 = 4 LSBs
100 = 8 LSBs
101 = 16 LSBs
110 = 32 LSBs
111 = 64 LSBs
Rsvd
R/W
-
Reserved. Always write 0 to this bit location. Read values are not defined.
Digital PLL0 Feedback Configuration Register Block Field Descriptions
Bit Field Name
Field Type
Default Value
Description


Similar Part No. - 8T49N286

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
8T49N286 ICST-8T49N286 Datasheet
1Mb / 78P
   Bypass clock paths for system tests
logo
Integrated Device Techn...
8T49N286 IDT-8T49N286 Datasheet
1Mb / 77P
   FemtoClock NG Octal Universal Frequency Translator
8T49N286 IDT-8T49N286 Datasheet
1Mb / 78P
   NG Octal Universal Frequency Translator
logo
Renesas Technology Corp
8T49N286 RENESAS-8T49N286 Datasheet
2Mb / 78P
   FemtoClock® NG Octal Universal Frequency Translator
October 28, 2020
logo
Integrated Device Techn...
8T49N286-000NLGI IDT-8T49N286-000NLGI Datasheet
1Mb / 77P
   FemtoClock NG Octal Universal Frequency Translator
More results

Similar Description - 8T49N286

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N282 IDT-8T49N282 Datasheet
1Mb / 78P
   Auto and manual input clock selection with hitless switching
8T49N285 IDT-8T49N285 Datasheet
1Mb / 65P
   Auto and manual input clock selection with hitless switching
8T49N287 IDT-8T49N287 Datasheet
1Mb / 75P
   Auto and manual input clock selection with hitless switching
8T49N241 IDT-8T49N241 Datasheet
1Mb / 64P
   Auto and manual clock selection with hitless switching
8T49N242 IDT-8T49N242 Datasheet
1Mb / 65P
   Auto and manual clock selection with hitless switching
logo
Integrated Circuit Syst...
8T49N241 ICST-8T49N241 Datasheet
1Mb / 64P
   Manual clock selection control input
logo
List of Unclassifed Man...
PM318 ETC-PM318 Datasheet
757Kb / 7P
   AUTO OR MANUAL INPUT SELECTION 3 INPUTS & 88 OUTPUTS
logo
Integrated Circuit Syst...
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
logo
Raltron Electronics Cor...
SY05-HLPL RALTRON-SY05-HLPL Datasheet
151Kb / 6P
   DUAL OUTPUT HITLESS SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com