Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2005ELD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMEG2005ELD
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005ELD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMEG2005ELD_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2005ELD_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2005ELD_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2005ELD_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2005ELD_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2005ELD_15 Datasheet HTML 9Page - NXP Semiconductors PMEG2005ELD_15 Datasheet HTML 10Page - NXP Semiconductors PMEG2005ELD_15 Datasheet HTML 11Page - NXP Semiconductors PMEG2005ELD_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PMEG2005ELD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 4 May 2011
8 of 14
NXP Semiconductors
PMEG2005ELD
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
FR4 PCB, standard footprint
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 10. Average forward current as a function of
ambient temperature; typical values
Fig 11. Average forward current as a function of
ambient temperature; typical values
Ceramic PCB, Al2O3, standard footprint
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 12. Average forward current as a function of
ambient temperature; typical values
Fig 13. Average forward current as a function of
solder point temperature; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
006aac577
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac578
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac579
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
Tsp (°C)
0
50
100
150
175
125
75
25
006aac580
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)


Similar Part No. - PMEG2005ELD_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005ELD NXP-PMEG2005ELD Datasheet
793Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier Low reverse current
Rev. 1-4 May 2011
logo
Nexperia B.V. All right...
PMEG2005ELD NEXPERIA-PMEG2005ELD Datasheet
1Mb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 4 May 2011
More results

Similar Description - PMEG2005ELD_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG2005EPK PHILIPS-PMEG2005EPK Datasheet
1Mb / 13P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 January 2012
logo
Nexperia B.V. All right...
PMEG2005EGW-Q NEXPERIA-PMEG2005EGW-Q Datasheet
220Kb / 11P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
10 August 2022
PMEG2005BELD-Q NEXPERIA-PMEG2005BELD-Q Datasheet
243Kb / 12P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
17 May 2021
PMEG2005EPK NEXPERIA-PMEG2005EPK Datasheet
1Mb / 15P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
PMEG2005EGW NEXPERIA-PMEG2005EGW Datasheet
682Kb / 12P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005ELD NEXPERIA-PMEG2005ELD Datasheet
1Mb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 4 May 2011
logo
NXP Semiconductors
PMEG2005BELD PHILIPS-PMEG2005BELD_15 Datasheet
210Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
4 August 2015
PMEG2005EPK PHILIPS-PMEG2005EPK_15 Datasheet
1Mb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
logo
Nexperia B.V. All right...
PMEG2005AESF NEXPERIA-PMEG2005AESF Datasheet
690Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG2005ESF NEXPERIA-PMEG2005ESF Datasheet
704Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com