Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PMEG2005AEA Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. PMEG2005AEA
Description  Very low VF MEGA Schottky barrier rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PMEG2005AEA Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2003 Aug 20
2
NXP Semiconductors
Product data sheet
Very low VF MEGA
Schottky barrier rectifiers
PMEG2005AEA; PMEG3005AEA;
PMEG4005AEA
FEATURES
• Very low forward voltage
• High surge current
• Very small plastic SMD package.
APPLICATIONS
• Low voltage rectification
• High efficiency DC/DC conversion
• Voltage clamping
• Inverse polarity protection
• Low power consumption applications.
DESCRIPTION
Planar Maximum Efficiency General Application (MEGA)
Schottky barrier rectifier with an integrated guard ring for
stress protection, encapsulated in a SOD323 (SC-76) very
small SMD plastic package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
columns
ka
MAM283
Fig.1
Simplified outline (SOD323; SC-76) and
symbol.
The marking bar indicates the cathode.
1
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
IF
forward current
0.5
A
VR
reverse voltage
PMEG2005AEA
20
V
PMEG3005AEA
30
V
PMEG4005AEA
40
V
MARKING
RELATED PRODUCTS
TYPE NUMBER
MARKING CODE
PMEG2005AEA
E5
PMEG3005AEA
E4
PMEG4005AEA
E3
TYPE NUMBER
DESCRIPTION
FEATURE
PMEGxx05AEV
0.5 A; 20/30/40 V very low VF MEGA Schottky rectifier SOT666 package
PMEG2005EB
0.5 A; 20 V very low VF MEGA Schottky rectifier
smaller SOD523 (SC-79) package
PMEG2010EA
1 A; 20 V very low VF MEGA Schottky rectifier
higher forward current


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn