Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PMEG2005AEA Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. PMEG2005AEA
Description  Very low VF MEGA Schottky barrier rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PMEG2005AEA Datasheet(HTML) 8 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2003 Aug 20
8
NXP Semiconductors
Product data sheet
Very low VF MEGA
Schottky barrier rectifiers
PMEG2005AEA; PMEG3005AEA;
PMEG4005AEA
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD323
SC-76
98-09-14
99-09-13
0
1
2 mm
scale
SOD323
UNIT
bp
cD
E
Qv
mm
0.40
0.25
+ 0.05
− 0.05
0.25
0.10
0.2
1.35
1.15
1.8
1.6
A
1.1
0.8
HE
2.7
2.3
0.25
0.15
Lp
0.45
0.15
DIMENSIONS (mm are the original dimensions)
D
12
HE
Lp
A
E
bp
A1
Q
Note
1. The marking bar indicates the cathode.
A1
max.
Plastic surface mounted package; 2 leads
v M A
A
c
(1)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn