Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PMEG2005AEA Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PMEG2005AEA
Description  Very low VF MEGA Schottky barrier rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PMEG2005AEA Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2003 Aug 20
5
NXP Semiconductors
Product data sheet
Very low VF MEGA
Schottky barrier rectifiers
PMEG2005AEA; PMEG3005AEA;
PMEG4005AEA
GRAPHICAL DATA
handbook, halfpage
0.6
0.4
0.2
103
102
1
10−1
MDB675
VF (V)
(1)
(2)
(3)
0
10
IF
(mA)
Fig.2
Forward current as a function of forward
voltage; typical values.
PMEG2005AEA
(1) Tamb = 150 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
010
515
20
VR (V)
MDB676
105
104
103
102
10
1
IR
(
μA)
(1)
(2)
(3)
Fig.3
Reverse current as a function of reverse
voltage; typical values.
PMEG2005AEA
(1) Tamb = 150 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
010
515
20
VR (V)
Cd
(pF)
0
150
100
50
MDB677
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
PMEG2005AEA
f = 1 MHz; Tamb = 25 °C.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn