Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PMEG2005AEA Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. PMEG2005AEA
Description  Very low VF MEGA Schottky barrier rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PMEG2005AEA Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2003 Aug 20
4
NXP Semiconductors
Product data sheet
Very low VF MEGA
Schottky barrier rectifiers
PMEG2005AEA; PMEG3005AEA;
PMEG4005AEA
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
PMEG2005AEA PMEG3005AEA PMEG4005AEA
UNIT
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
VF
forward voltage
IF = 0.1 mA
90
130
90
130
95
130
mV
IF = 1 mA
150
190
150
200
155
210
mV
IF = 10 mA
210
240
215
250
220
270
mV
IF = 100 mA
280
330
285
340
295
350
mV
IF = 500 mA
355
390
380
430
420
470
mV
IR
continuous reverse
current
VR = 10 V; note 1
15
40
12
30
7
20
μA
VR = 20 V; note 1
40
200
μA
VR = 30 V; note 1
40
150
μA
VR = 40 V; note 1
30
100
μA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
66
80
55
70
43
50
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn