Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHNA9260 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHNA9260
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNA9260 Datasheet(HTML) 3 Page - International Rectifier

  IRHNA9260 Datasheet HTML 1Page - International Rectifier IRHNA9260 Datasheet HTML 2Page - International Rectifier IRHNA9260 Datasheet HTML 3Page - International Rectifier IRHNA9260 Datasheet HTML 4Page - International Rectifier IRHNA9260 Datasheet HTML 5Page - International Rectifier IRHNA9260 Datasheet HTML 6Page - International Rectifier IRHNA9260 Datasheet HTML 7Page - International Rectifier IRHNA9260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
IRHNA9260, JANSR2N7426U
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
ÄÅ
Parameter
100K Rads(Si)1
300K Rads (Si)2
Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
-200
-200
V
VGS = 0V, ID = -1.0mA
VGS(th)
Gate Threshold Voltage
Ã
-2.0
-4.0
-2.0
-5.0
VGS = VDS, ID = -1.0mA
IGSS
Gate-to-Source Leakage Forward
-100
-100
nA
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
100
VGS = 20 V
IDSS
Zero Gate Voltage Drain Current
- 25
-25
µA
VDS= -160V, VGS =0V
RDS(on)
Static Drain-to-Source
Ã
0.155
0.161
VGS = -12V, ID =-18A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
Ã
0.154
0.160
VGS = -12V, ID = -18A
On-State Resistance (SMD-2)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
1. Part number IRHNA9260 (JANSR2N7426U)
2. Part number IRHNA93260 (JANSF2N7426U)
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage
Ã
-3.0
-3.0
V
VGS = 0V, IS = -29A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Radiation Characteristics
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
V
DS
(V)
MeV/(mg/cm2))
(MeV)
(µm)
@V
GS
=0V @V
GS
=5V @V
GS
=10V
@V
GS
=15V
@V
GS
=20V
Cu
28.0
285
43.0
-200
-200
-200
-200
Br
36.8
305
39.0
-200
-200
-125
-75
-250
-200
-150
-100
-50
0
0
5
10
15
20
VGS
Cu
Br


Similar Part No. - IRHNA9260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA9260 IRF-IRHNA9260 Datasheet
118Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results

Similar Description - IRHNA9260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com