Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHNA9064 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHNA9064
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNA9064 Datasheet(HTML) 2 Page - International Rectifier

  IRHNA9064 Datasheet HTML 1Page - International Rectifier IRHNA9064 Datasheet HTML 2Page - International Rectifier IRHNA9064 Datasheet HTML 3Page - International Rectifier IRHNA9064 Datasheet HTML 4Page - International Rectifier IRHNA9064 Datasheet HTML 5Page - International Rectifier IRHNA9064 Datasheet HTML 6Page - International Rectifier IRHNA9064 Datasheet HTML 7Page - International Rectifier IRHNA9064 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHNA9064
Pre-Irradiation
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-60
V
VGS = 0V, ID =-1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
-0.055
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.045
VGS = -12V, ID = -30A➃
Resistance
0.048
VGS = -12V, ID = -48A➃
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
V
VDS = VGS, ID = -1.0mA
gfs
Forward Transconductance
18
S ( )
VDS >-15V, IDS = -30A ➃
IDSS
Zero Gate Voltage Drain Current
-25
VDS= -48V ,VGS=0V
-250
VDS = -48V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS = 20V
Qg
Total Gate Charge
300
VGS =-12V, ID = -48A
Qgs
Gate-to-Source Charge
70
nC
VDS = -30V
Qgd
Gate-to-Drain (‘Miller’) Charge
91
td(on)
Turn-On Delay Time
35
VDD = -30V, ID = -48A,
tr
Rise Time
150
VGS =-12V, RG = 2.35Ω
td(off)
Turn-Off Delay Time
200
tf
Fall Time
200
LS + LD
Total Inductance
4.0
Ciss
Input Capacitance
6700
VGS = 0V, VDS = -25V
Coss
Output Capacitance
2800
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
920
nA
nH
ns
µA
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
0.42
RthJ-PCB
Junction-to-PC board
1.6
Soldered to a 1” square copper-clad board
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-48
ISM
Pulse Source Current (Body Diode) ➀
-192
VSD
Diode Forward Voltage
-3.0
V
Tj = 25°C, IS = -48A, VGS = 0V ➃
trr
Reverse Recovery Time
270
nS
Tj = 25°C, IF = -48A, di/dt ≤ -100A/µs
QRR Reverse Recovery Charge
2.5
µC
VDD ≤ -50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Measured from drain lead (6mm/0.25in. from
package) to source lead (6mm/0.25in. from
package)
°C/W


Similar Part No. - IRHNA9064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA9064 IRF-IRHNA9064 Datasheet
123Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-60V, Rds(on)=0.055ohm, Id=-48A)
More results

Similar Description - IRHNA9064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com