Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2002AESF Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMEG2002AESF
Description  20 V, 0.2 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2002AESF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMEG2002AESF_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2002AESF_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2002AESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2002AESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2002AESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2002AESF_15 Datasheet HTML 9Page - NXP Semiconductors PMEG2002AESF_15 Datasheet HTML 10Page - NXP Semiconductors PMEG2002AESF_15 Datasheet HTML 11Page - NXP Semiconductors PMEG2002AESF_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NXP Semiconductors
PMEG2002AESF
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002AESF
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2014. All rights reserved
Product data sheet
22 January 2014
8 / 14
11. Test information
time
IF
IR
trr
IR(meas)
006aad022
Fig. 13. Reverse recovery definition
tp
tcy
P
t
006aac658
duty cycle δ =
tp
tcy
Fig. 14. Duty cycle definition
The current ratings for the typical waveforms are calculated according to the equations:
IF(AV) = IM × δ with IM defined as peak current, IRMS = IF(AV) at DC, and IRMS = IM × √δ with
IRMS defined as RMS current.


Similar Part No. - PMEG2002AESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG2002AESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF NEXPERIA-PMEG2002ESF Datasheet
211Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2002ESF PHILIPS-PMEG2002ESF_15 Datasheet
196Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
8 October 2013
logo
Nexperia B.V. All right...
PMEG2002AESF NEXPERIA-PMEG2002AESF Datasheet
211Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002EL NEXPERIA-PMEG4002EL Datasheet
206Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
1 October 2022
PMEG3002AESF NEXPERIA-PMEG3002AESF Datasheet
213Kb / 13P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002ELD NEXPERIA-PMEG4002ELD Datasheet
1Mb / 14P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 20 April 2011
PMEG4002EL-Q NEXPERIA-PMEG4002EL-Q Datasheet
180Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
30 September 2021
logo
NXP Semiconductors
PMEG3002AESF PHILIPS-PMEG3002AESF_15 Datasheet
192Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
13 February 2015
logo
Nexperia B.V. All right...
PMEG6002ELD NEXPERIA-PMEG6002ELD Datasheet
704Kb / 14P
   60 V, 0.2 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com