Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5944 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5P49V5944
Description  Generates up to two independent output frequencies
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5944 Datasheet(HTML) 1 Page - Integrated Device Technology

  5P49V5944 Datasheet HTML 1Page - Integrated Device Technology 5P49V5944 Datasheet HTML 2Page - Integrated Device Technology 5P49V5944 Datasheet HTML 3Page - Integrated Device Technology 5P49V5944 Datasheet HTML 4Page - Integrated Device Technology 5P49V5944 Datasheet HTML 5Page - Integrated Device Technology 5P49V5944 Datasheet HTML 6Page - Integrated Device Technology 5P49V5944 Datasheet HTML 7Page - Integrated Device Technology 5P49V5944 Datasheet HTML 8Page - Integrated Device Technology 5P49V5944 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DATASHEET
5P49V5944 REVISION A 07/20/15
1
©2015 Integrated Device Technology, Inc.
Programmable Clock Generator
5P49V5944
Description
The 5P49V5944 is a programmable clock generator intended
for high performance consumer, networking, industrial,
computing, and data-communications applications.
Configurations may be stored in on-chip One-Time
Programmable (OTP) memory or changed using I2C
interface. This is IDTs fifth generation of programmable clock
technology (VersaClock® 5).
The frequencies are generated from a single reference clock.
The input reference can be either a crystal or an LVCMOS
reference clock.
Two select pins allow up to 4 different configurations to be
programmed and accessible using processor GPIOs or
bootstrapping. The different selections may be used for
different operating modes (full function, partial function, partial
power-down), regional standards (US, Japan, Europe) or
system production margin testing.
The device may be configured to use one of two I2C
addresses to allow multiple devices to be used in a system.
Pin Assignment
Features
Generates up to two independent output frequencies
High performance, low phase noise PLL, <0.7 ps RMS
typical phase jitter on outputs:
– PCIe Gen1, 2, 3 compliant clock capability
– USB 3.0 compliant clock capability
– 1 GbE and 10 GbE
Two fractional output dividers (FODs)
Independent Spread Spectrum capability on each output
pair
Four banks of internal non-volatile in-system
programmable or factory programmable OTP memory
I2C serial programming interface
One reference LVCMOS output clock
Two universal output pairs:
– Each configurable as one differential output pair or two
LVCMOS outputs
I/O Standards:
– Single-ended I/Os: 1.8V to 3.3V LVCMOS
– Differential I/Os - LVPECL, LVDS and HCSL
Input frequency ranges:
– LVCMOS Reference Clock Input (XIN/REF) – 1MHz
to 200MHz
– Crystal frequency range: 8MHz to 40MHz
Output frequency ranges:
– LVCMOS Clock Outputs – 1MHz to 200MHz
– LVDS, LVPECL, HCSL Differential Clock Outputs –
1MHz to 350MHz
Individually selectable output voltage (1.8V, 2.5V, 3.3V) for
each output pair
Programmable loop bandwidth
Programmable output to output skew
Programmable slew rate control
Programmable crystal load capacitance
Individual output enable/disable
Power-down mode
1.8V, 2.5V or 3.3V core VDDD, VDDA
Available in 20-pin VFQFPN 3mm x 3mm package
-40° to +85°C industrial temperature operation
1
6
20-pin VFQFPN
XOUT
OUT1
XIN/REF
OUT1B
VDDO1
VDDA
SD/OE
EPAD
2
3
4
5
7
8
910
11
12
13
14
15
16
17
18
19
20
GND
GND
GND


Similar Part No. - 5P49V5944

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944 Datasheet
479Kb / 31P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5944 RENESAS-5P49V5944 Datasheet
1Mb / 33P
   Programmable Clock Generator
Mar 30, 2016
logo
Integrated Device Techn...
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_17 Datasheet
479Kb / 31P
   Programmable Clock Generator
More results

Similar Description - 5P49V5944

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
5P49V5914 IDT-5P49V5914 Datasheet
448Kb / 37P
   Generates up to three independent output frequencies
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
   Generates up to four independent output frequencies
5P49V5935 IDT-5P49V5935 Datasheet
432Kb / 33P
   Generates up to four independent output frequencies
5P49V5901 IDT-5P49V5901 Datasheet
452Kb / 37P
   Generates up to four independent output frequencies
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com