Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX5174 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX5174
Description  Low-Power, Serial, 12-Bit DACs with Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5174 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Power, Serial, 12-Bit DACs
with Voltage Output
6
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX5174: VDD = +5V, VREF = 2.5V; MAX5176: VDD = +3V, VREF = +1.25V; CL = 100pF, OS = AGND, code = FFF hex,
TA = +25°C, unless otherwise noted.)
230
260
250
240
280
270
320
310
300
290
330
4.4
4.6
4.8
5.0
5.2
5.4
5.6
NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
268
270
272
274
276
278
280
282
284
286
288
290
-50
-30
-10
10
30
50
70
90
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0.8
1.0
0.9
1.2
1.1
1.3
1.4
-50
-10
10
30
-30
50
70
90
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
4.0960
4.0962
4.0966
4.0964
4.0968
4.0970
-50
-10
-30
10
30
50
70
90
OUTPUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
2
µs/div
DYNAMIC RESPONSE
VCS
5V/div
VOUT
1V/div
4.096V
0
5V
10mV
MAX5174/6 toc07
3.0
3.5
4.0
4.5
0
10
100
1k
10k
100k
OUTPUT VOLTAGE vs. LOAD RESISTANCE
0.5
1.5
2.5
RL (Ω)
1.0
2.0
2
µs/div
DYNAMIC RESPONSE
VCS
5V/div
VOUT
1V/div
4.096V
0
5V
10mV
MAX5174/6 toc06
10k
100k
-84
-83
-82
-81
-79
-80
-78
-77
-76
-75
10
100
1k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
VOUT/VREF
12.5dB/div
20
0
10k
REFERENCE FEEDTHROUGH
FREQUENCY (Hz)
VREF = 1.8 VDC + 3.6Vp-p at f = 1kHz
MAX5174


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn