Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5174 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5174
Description  Low-Power, Serial, 12-Bit DACs with Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5174 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5174 Datasheet HTML 1Page - Maxim Integrated Products MAX5174 Datasheet HTML 2Page - Maxim Integrated Products MAX5174 Datasheet HTML 3Page - Maxim Integrated Products MAX5174 Datasheet HTML 4Page - Maxim Integrated Products MAX5174 Datasheet HTML 5Page - Maxim Integrated Products MAX5174 Datasheet HTML 6Page - Maxim Integrated Products MAX5174 Datasheet HTML 7Page - Maxim Integrated Products MAX5174 Datasheet HTML 8Page - Maxim Integrated Products MAX5174 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX5174/MAX5176 low-power, serial, voltage-out-
put, 12-bit digital-to-analog converters (DACs) feature a
precision output amplifier in a space-saving 16-pin
QSOP package. The MAX5174 operates from a single
+5V supply, and the MAX5176 operates from a single
+3V supply. Both devices draw only 280µA of supply
current, which reduces to 1µA in shutdown. In addition,
the programmable power-up reset feature allows for a
user-selectable output voltage state of either 0 or mid-
scale.
The 3-wire, digital, serial interface is compatible with
SPI™/QSPI™, and MICROWIRE™ standards. An input
register followed by a DAC register provides a double-
buffered input, allowing the input and DAC registers to
be updated independently or simultaneously with a 16-
bit serial word. Additional features include software and
hardware shutdown, shutdown lockout, a hardware
clear pin, and a reference input capable of accepting
DC and offset AC signals. These devices provide a pro-
grammable digital output pin for added functionality
and a serial-data output pin for daisy-chaining. All logic
inputs are TTL/CMOS compatible and are internally
buffered with Schmitt triggers to allow direct interfacing
to optocouplers.
The MAX5174/MAX5176 incorporate a proprietary on-
chip circuit that keeps the output voltage virtually
“glitch free,” limiting the glitches to a few millivolts dur-
ing power-up.
Both devices are available in 16-pin QSOP packages
and are specified for the extended (-40°C to +85°C)
temperature range. The MAX5170/MAX5172 are pin-
compatible 14-bit upgrades to the MAX5174/MAX5176.
For 100% pin-compatible DACs with internal reference,
see the 13-bit MAX5130/MAX5131 and the 12-bit
MAX5120/MAX5121 data sheets.
Applications
Industrial Process Controls
Digital Offset and Gain Adjustment
Motion Control
Automatic Test Equipment (ATE)
Remote Industrial Controls
µP-Controlled Systems
Features
o ±1 LSB INL
o 1µA Shutdown Current
o “Glitch Free” Output Voltage at Power-Up
o Single-Supply Operation
+5V (MAX5174)
+3V (MAX5176)
o Full-Scale Output Range
+2.048V (MAX5176, VREF = +1.25V)
+4.096V (MAX5174, VREF = +2.5V )
o Rail-to-Rail® Output Amplifier
o Adjustable Output Offset
o Low THD (-80dB) in Multiplying Operation
o SPI/QSPI/MICROWIRE-Compatible 3-Wire Serial
Interface
o Programmable Shutdown Mode and Power-Up
Reset
o Buffered Output Capable of Driving 5k
Ω || 100pF
Loads
o User-Programmable Digital Output Pin Allows
Serial Control of External Components
o 14-Bit Upgrades Available (MAX5170/MAX5172)
Low-Power, Serial, 12-Bit DACs
with Voltage Output
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OS
VDD
N.C.
REF
AGND
PDL
UPO
DOUT
DGND
TOP VIEW
MAX5174
MAX5176
QSOP
OUT
RS
CS
SHDN
CLR
DIN
SCLK
19-1475; Rev 0; 4/99
PART
MAX5174AEEE
MAX5174BEEE
MAX5176AEEE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
16 QSOP
16 QSOP
Pin Configuration
Ordering Information
MAX5176BEEE
-40°C to +85°C
16 QSOP
INL
(LSB)
±1
±2
±2
±4
Functional Diagram appears at end of data sheet.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX5174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170AEEE MAXIM-MAX5170AEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170BEEE MAXIM-MAX5170BEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
More results

Similar Description - MAX5174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com