Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG1030EH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG1030EH
Description  10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG1030EH Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG1030EH_15 Datasheet HTML 1Page - NXP Semiconductors PMEG1030EH_15 Datasheet HTML 2Page - NXP Semiconductors PMEG1030EH_15 Datasheet HTML 3Page - NXP Semiconductors PMEG1030EH_15 Datasheet HTML 4Page - NXP Semiconductors PMEG1030EH_15 Datasheet HTML 5Page - NXP Semiconductors PMEG1030EH_15 Datasheet HTML 6Page - NXP Semiconductors PMEG1030EH_15 Datasheet HTML 7Page - NXP Semiconductors PMEG1030EH_15 Datasheet HTML 8Page - NXP Semiconductors PMEG1030EH_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PMEG1030EH_EJ_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2010
2 of 9
NXP Semiconductors
PMEG1030EH; PMEG1030EJ
10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
001aab540
12
sym001
12
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PMEG1030EH
-
plastic surface mounted package; 2 leads
SOD123F
PMEG1030EJ
SC-90
plastic surface mounted package; 2 leads
SOD323F
Table 5.
Marking codes
Type number
Marking code
PMEG1030EH
AC
PMEG1030EJ
E7


Similar Part No. - PMEG1030EH_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1030EH NXP-PMEG1030EH_10 Datasheet
113Kb / 9P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
More results

Similar Description - PMEG1030EH_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1030EJ115 PHILIPS-PMEG1030EJ115 Datasheet
101Kb / 10P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1030EH NXP-PMEG1030EH_10 Datasheet
113Kb / 9P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
56Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-14 April 2005
PMEG1020EH PHILIPS-PMEG1020EH_15 Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
PMEG3015EH PHILIPS-PMEG3015EH_15 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
logo
Nexperia B.V. All right...
PMEG3020EH NEXPERIA-PMEG3020EH Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
logo
NXP Semiconductors
PMEG3020EJ PHILIPS-PMEG3020EJ Datasheet
58Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-31 May 2005
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com