Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5170 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5170
Description  Low-Power, Serial, 14-Bit DACs with Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5170 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5170 Datasheet HTML 2Page - Maxim Integrated Products MAX5170 Datasheet HTML 3Page - Maxim Integrated Products MAX5170 Datasheet HTML 4Page - Maxim Integrated Products MAX5170 Datasheet HTML 5Page - Maxim Integrated Products MAX5170 Datasheet HTML 6Page - Maxim Integrated Products MAX5170 Datasheet HTML 7Page - Maxim Integrated Products MAX5170 Datasheet HTML 8Page - Maxim Integrated Products MAX5170 Datasheet HTML 9Page - Maxim Integrated Products MAX5170 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Power, Serial, 14-Bit DACs
with Voltage Output
6
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX5170: VDD = +5V, VREF = 2.5V; MAX5172: VDD = +3V, VREF = 1.25V; CL = 100pF, OS = AGND, code = 3FFF hex, TA = +25°C,
unless otherwise noted.)
230
260
250
240
270
280
290
300
310
320
330
4.4
4.8
4.6
5.0
5.2
5.4
5.6
NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
268
270
272
274
276
278
280
282
284
286
288
290
-50
-30
-10
10
30
50
70
90
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0.8
1
0.9
1.2
1.1
1.3
1.4
-50
10
30
-30
-10
50
70
90
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
4.0960
4.0962
4.0966
4.0964
4,0968
4.0970
-50
-10
-30
10
30
50
70
90
OUTPUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
VOUT
1V/div
VCS
5V/div
5V
4.096V
10mV
0
DYNAMIC RESPONSE
MAX5170/72 toc07
2
µs/div
4.5
0
10
1k
10k
100
100k
OUTPUT VOLTAGE vs. LOAD RESISTANCE
0.5
RL (Ω)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VOUT
1v/div
VCS
5v/div
5V
4.096V
10mV
0
DYNAMIC RESPONSE
MAX5170/72 toc06
2
µs/div
10k
100k
-84
-83
-82
-81
-79
-80
-78
-77
-76
-75
10
100
1k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
VOUT/VREF
12.5dB/div
20
0
10k
REFERENCE FEEDTHROUGH
FREQUENCY (Hz)
VREF = 1.8VDC + 3.6Vp-p at f = 1kHz
MAX5170


Similar Part No. - MAX5170

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5171AEEE MAXIM-MAX5171AEEE Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5171BEEE MAXIM-MAX5171BEEE Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
More results

Similar Description - MAX5170

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com