Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1487 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1487
Description  짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1487 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1487 Datasheet HTML 1Page - Maxim Integrated Products MAX1487 Datasheet HTML 2Page - Maxim Integrated Products MAX1487 Datasheet HTML 3Page - Maxim Integrated Products MAX1487 Datasheet HTML 4Page - Maxim Integrated Products MAX1487 Datasheet HTML 5Page - Maxim Integrated Products MAX1487 Datasheet HTML 6Page - Maxim Integrated Products MAX1487 Datasheet HTML 7Page - Maxim Integrated Products MAX1487 Datasheet HTML 8Page - Maxim Integrated Products MAX1487 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
2
_______________________________________________________________________________________
Supply Voltage (VCC) .............................................................12V
Control Input Voltage (
R
E
, DE)...................-0.5V to (VCC + 0.5V)
Driver Input Voltage (DI).............................-0.5V to (VCC + 0.5V)
Driver Output Voltage (Y, Z; A, B) ..........................-8V to +12.5V
Receiver Input Voltage (A, B).................................-8V to +12.5V
Receiver Output Voltage (RO)....................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) ..800mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Ranges
MAX4_ _C_ _/MAX1487EC_ A .............................0°C to +70°C
MAX4_ _E_ _/MAX1487EE_ A...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Driver Common-Mode Output
Voltage
VOC
3
V
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
∆VOD
0.2
V
Change in Magnitude of Driver
Common-Mode Output Voltage
for Complementary Output States
∆VOD
0.2
V
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
IIN1
±2
µA
Differential Driver Output (no load)
VOD1
5
V
2
V
Differential Driver Output
(with load)
VOD2
1.5
5
1.0
-0.8
mA
0.25
mA
-0.2
Receiver Differential Threshold
Voltage
-0.2
0.2
V
Receiver Input Hysteresis
∆VTH
70
mV
Receiver Output High Voltage
VOH
3.5
Receiver Output Low Voltage
VOL
0.4
V
Three-State (high impedance)
Output Current at Receiver
IOZR
±1
µA
12
k
CONDITIONS
DE = 0V;
VCC = 0V or 5.25V,
all devices except
MAX487E/MAX1487E
R = 27
Ω or 50Ω, Figure 8
R = 27
Ω or 50Ω, Figure 8
R = 27
Ω or 50Ω, Figure 8
DE, DI,
R
E
MAX487E/MAX1487E,
DE = 0V, VCC = 0V or 5.25V
DE, DI,
R
E
DE, DI,
R
E
-7V
≤ VCM ≤ 12V
VCM = 0V
IO = -4mA, VID = 200mV
IO = 4mA, VID = -200mV
R = 50
Ω (RS-422)
0.4V
≤ VO ≤ 2.4V
R = 27
Ω (RS-485), Figure 8
-7V
≤ VCM ≤ 12V, all devices except
MAX487E/MAX1487E
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V, MAX487E/MAX1487E
48
k
VTH
IIN2
Input Current
(A, B)
VIN = 12V
VIN = -7V
VIN = 12V
VIN = -7V
V


Similar Part No. - MAX1487

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1487 MAXIM-MAX1487 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX1487 MAXIM-MAX1487 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX1487 MAXIM-MAX1487 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX1487 ARTSCHIP-MAX1487 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Maxim Integrated Produc...
MAX1487 MAXIM-MAX1487 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-0122; Rev 10; 9/14
More results

Similar Description - MAX1487

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com