Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5158 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX5158
Description  Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5158 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5158 Datasheet HTML 1Page - Maxim Integrated Products MAX5158 Datasheet HTML 2Page - Maxim Integrated Products MAX5158 Datasheet HTML 3Page - Maxim Integrated Products MAX5158 Datasheet HTML 4Page - Maxim Integrated Products MAX5158 Datasheet HTML 5Page - Maxim Integrated Products MAX5158 Datasheet HTML 6Page - Maxim Integrated Products MAX5158 Datasheet HTML 7Page - Maxim Integrated Products MAX5158 Datasheet HTML 8Page - Maxim Integrated Products MAX5158 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Low-Power, Dual, 10-Bit Voltage-Output DACs
with Serial Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX5159
(VDD = +2.7V to +3.6V, VREFA = VREFB = 1.25V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C (OS_ pins tied to AGND for a gain of +2V/V).)
VIN = 0V to VDD
CL, PDL, CS, DIN, SCLK
CL, PDL, CS, DIN, SCLK
Input code = 1FF8 hex,
VREF_ = 1Vp-p at 1VDC, f = 15kHz
Input code = 0000 hex,
VREF_ = (VDD - 1.4)Vp-p at 1kHz
Input code = 1FF8 hex,
VREF_ = 0.67Vp-p at 0.75VDC
2.7V
VDD ≤ 3.6V
Normalized to 1.25V
Guaranteed monotonic
Code = 3
Normalized to 1.25V
Minimum with code 1558 hex
CONDITIONS
pF
8
CIN
Input Capacitance
µA
0
±1
IIN
Input Leakage Current
mV
200
VHYS
Input Hysteresis
V
0.8
VIL
Input Low Voltage
V
2.2
VIH
Input High Voltage
dB
73
SINAD
Signal-to-Noise plus
Distortion Ratio
dB
-82
Reference Feedthrough
kHz
300
Reference 3dB Bandwidth
k
18
25
RREF
Reference Input Resistance
LSB
±1
INL
Integral Nonlinearity
Bits
10
Resolution
V
0
VDD - 1.4
REF
Reference Input Range
µV/V
40
320
PSRR
VDD Power-Supply
Rejection Ratio
ppm/°C
6.5
Gain-Error Tempco
LSB
±1
DNL
Differential Nonlinearity
mV
±6
VOS
Offset Error
ppm/°C
6.5
TCVOS
Offset Tempco
LSB
-0.1
±1
Gain Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISOURCE = 2mA
V
VDD - 0.5
VOH
Output High Voltage
ISINK = 2mA
V
0.13
0.4
VOL
Output Low Voltage
V/µs
0.75
SR
Voltage Output Slew Rate
To 1/2LSB of full-scale, VSTEP = 2.5V
µs
8
Output Settling Time
Rail-to-rail (Note 6)
V
0 to VDD
Output Voltage Swing
k
24
34
ROS_
OSA or OSB Input Resistance
µs
25
Time Required for Valid
Operation after Shutdown
CS = VDD, fDIN = 100kHz, VSCLK = 3Vp-p
nV-s
5
Digital Feedthrough
nV-s
5
Digital Crosstalk
MULTIPLYING-MODE PERFORMANCE
STATIC PERFORMANCE
REFERENCE INPUT (VREF)
DIGITAL INPUTS
DIGITAL OUTPUTS
DYNAMIC PERFORMANCE (DOUT, UPO)
(Note 5)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn