Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3911 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT82V3911
Description  Supports manual and automatic selected input clock switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3911 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT82V3911 Datasheet HTML 1Page - Integrated Device Technology IDT82V3911 Datasheet HTML 2Page - Integrated Device Technology IDT82V3911 Datasheet HTML 3Page - Integrated Device Technology IDT82V3911 Datasheet HTML 4Page - Integrated Device Technology IDT82V3911 Datasheet HTML 5Page - Integrated Device Technology IDT82V3911 Datasheet HTML 6Page - Integrated Device Technology IDT82V3911 Datasheet HTML 7Page - Integrated Device Technology IDT82V3911 Datasheet HTML 8Page - Integrated Device Technology IDT82V3911 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
July 1, 2013
IDT82V3911
Short Form
Datasheet
2013 Integrated Device Technology, Inc.
DSC-7238/-
Synchronous Ethernet Two-Channel
PLL for 10GbE and 40GbE
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc.
FEATURES
HIGHLIGHTS
Jitter generation <0.3 ps RMS (10 kHz to 20 MHz), meets jitter
requirements of leading PHYs supporting 10GBASE-R, 10GBASE-
W, 40GBASE-R, OC-192 and STM-64
Supports ITU-T G.8261/G.8262 Synchronous Ethernet (SyncE)
compliant equipment
Supports clock generation for IEEE-1588 applications
Generates SyncE interface clocks (1GE, 10GE, and 40GE)
MAIN FEATURES
Provides an integrated solution for reference switching, frequency
translation and jitter attenuation for SyncE and SONET/SDH inter-
faces
Integrates 2 DPLLs, one for the transmit path and one for the
receive path
Selectable DPLL bandwidth: 18 Hz and 35 Hz
Integrates 2 jitter attenuating APLLs to generate ultra-low jitter
clocks
• Supports 3 clock modes: SONET, Ethernet, and Ethernet LAN-
PHY
• Supports up to two crystal connections, allowing each APLL to
support up to two modes of operation
Supports input and output clocks covering a wide range of frequen-
cies
• Provides IN3, IN4, IN7,IN6 input CMOS clocks whose frequen-
cies range from 2 kHz to 156.25 MHz
• Provides IN1 and IN2 input differential clocks whose frequencies
range from 2 kHz to 625 MHz
• Provides OUT1 to OUT5 output CMOS clocks whose frequency
range from 1PPS to 125 MHz
• Provides OUT6~OUT9 output differential clocks whose fre-
quency range from 25 MHz to 644.53125 MHz
Provides a 1PPS, 2 kHz, 4 kHz, or 8 kHz frame sync input signal,
and a 1PPS, 2 kHz or 8 kHz frame sync output signal
Supports Forced or Automatic operating mode switch controlled by
an internal state machine. Automatic mode switch supports Free-
Run, Locked and Holdover modes
Supports manual and automatic selected input clock switch
Supports automatic hitless selected input clock switch on clock fail-
ure
Supports three types of input clock sources: recovered clock from
STM-N or OC-n, PDH network synchronization timing and external
synchronization reference timing
Supports LVPECL/LVDS and CMOS input/output technologies
Supports master clock calibration
Supports Telcordia GR-1244-CORE, Telcordia GR-253-CORE,
ITU-T G.812, ITU-T G.8262, ITU-T G.813 and ITU-T G.783 Recom-
mendations
OTHER FEATURES
I2C Microprocessor interface
IEEE 1149.1 JTAG Boundary Scan
Single 3.3 V operation with 5 V tolerant CMOS I/Os
1mm ball pitch CABGA green package
APPLICATIONS
Core and access IP switches / routers
Gigabit and Terabit IP switches / routers
Central Office Timing Source and Distribution
DWDM cross-connect and transmission equipment
IP core routers and access equipment
Cellular and WLL base-station node clocks
Broadband and multi-service access equipment


Similar Part No. - IDT82V3911

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3910 IDT-IDT82V3910 Datasheet
183Kb / 13P
   Supports programmable input-to-output phase offset adjustment
More results

Similar Description - IDT82V3911

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3398 IDT-IDT82V3398 Datasheet
75Kb / 10P
   Supports manual and automatic selected input clock switch
IDT82V3399 IDT-IDT82V3399 Datasheet
52Kb / 5P
   Supports manual and automatic selected input clock switch
logo
Grayhill, Inc
70G-OAC5MA GRAYHILL-70G-OAC5MA_10 Datasheet
76Kb / 2P
   Integral Three Position Manual On/Manual Off and Automatic Control Toggle Switch
logo
Integrated Circuit Syst...
8T49N241 ICST-8T49N241 Datasheet
1Mb / 64P
   Manual clock selection control input
logo
Integrated Device Techn...
8T49N282 IDT-8T49N282 Datasheet
1Mb / 78P
   Auto and manual input clock selection with hitless switching
8T49N285 IDT-8T49N285 Datasheet
1Mb / 65P
   Auto and manual input clock selection with hitless switching
8T49N286 IDT-8T49N286 Datasheet
1Mb / 78P
   Auto and manual input clock selection with hitless switching
8T49N287 IDT-8T49N287 Datasheet
1Mb / 75P
   Auto and manual input clock selection with hitless switching
82V3391 IDT-82V3391 Datasheet
60Kb / 5P
   Supports 1PPS input and output
logo
SHENZHEN KYL COMMUNICAT...
KYL-813 KYL-KYL-813 Datasheet
226Kb / 5P
   KYL-813 wireless switch input and output module user manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com