Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8SLVD1204I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT8SLVD1204I
Description  Two selectable differential clock input pairs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8SLVD1204I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT8SLVD1204I Datasheet HTML 6Page - Integrated Device Technology IDT8SLVD1204I Datasheet HTML 7Page - Integrated Device Technology IDT8SLVD1204I Datasheet HTML 8Page - Integrated Device Technology IDT8SLVD1204I Datasheet HTML 9Page - Integrated Device Technology IDT8SLVD1204I Datasheet HTML 10Page - Integrated Device Technology IDT8SLVD1204I Datasheet HTML 11Page - Integrated Device Technology IDT8SLVD1204I Datasheet HTML 12Page - Integrated Device Technology IDT8SLVD1204I Datasheet HTML 13Page - Integrated Device Technology IDT8SLVD1204I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IDT8SLVD1204I DATA SHEET
2:4, LVDS OUTPUT FANOUT BUFFER, 2.5V
10
REVISION A 07/10/14
2.5V LVPECL Clock Input Interface
The PCLK /nPCLK accepts LVPECL, LVDS, and other differential
signals. Both signals must meet the VPP and VCMR input
requirements. Figures 2A to 2C show interface examples for the
PCLK/ nPCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. If the driver is
from another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver
termination requirements.
Figure 2A. PCLK/nPCLK Input Driven by a
2.5V LVPECL Driver
Figure 2C. PCLK/nPCLK Input Driven by a
2.5V LVDS Driver
Figure 2B. PCLK/nPCLK Input Driven by a
2.5V LVPECL Driver with AC Couple
2.5V
PCLK
nPCLK
2.5V
2.5V
LVPECL
LVPECL
Input
PCLK
nPCLK


Similar Part No. - IDT8SLVD1204I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8SLVD1204I IDT-IDT8SLVD1204I Datasheet
374Kb / 18P
   2:4 LVDS Output Fanout Buffer
IDT8SLVD1204I IDT-IDT8SLVD1204I_18 Datasheet
374Kb / 18P
   2:4 LVDS Output Fanout Buffer
More results

Similar Description - IDT8SLVD1204I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
377Kb / 18P
   Two selectable differential clock input pairs
DT8SLVD1204I IDT-DT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
ICS853S310I IDT-ICS853S310I Datasheet
844Kb / 17P
   Two selectable differential input pairs
853S111B IDT-853S111B Datasheet
342Kb / 25P
   Two selectable differential input pairs
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
   Two differential reference clock input pairs
8735BI-01 IDT-8735BI-01 Datasheet
413Kb / 21P
   Selectable differential input pairs
ICS853S014I IDT-ICS853S014I Datasheet
248Kb / 20P
   Two selectable differential LVPECL clock inputs
logo
Integrated Circuit Syst...
ICS9DB202 ICST-ICS9DB202 Datasheet
263Kb / 11P
   Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
logo
Integrated Device Techn...
8735-31 IDT-8735-31 Datasheet
350Kb / 21P
   Selectable differential clock inputs
8T33FS6222 IDT-8T33FS6222 Datasheet
779Kb / 34P
   Two selectable differential PECL inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com