Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99093 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 99093
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99093 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  99093 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99093 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99093 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99093 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99093 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99093 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 6
SSL Solutions Faster Than The Speed Of Light®
CIE Chromaticity Coordinates:
3W 36mm 120V Round
AC LED Light Engine
AC LED BY LYNK LABS


Similar Part No. - 99093

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9909 KEYSTONE-9909 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9909 KEYSTONE-9909 Datasheet
270Kb / 1P
   PHILIPS PAN HEAD SCREW
logo
List of Unclassifed Man...
99090 ETC2-99090 Datasheet
989Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
logo
Molex Electronics Ltd.
990902 MOLEX5-990902 Datasheet
172Kb / 3P
   5.00mm (.197") Pitch Beau??Eurostyle??Screw Clamp Plug, 2 Circuits
990902 MOLEX11-990902 Datasheet
37Kb / 2P
   5.00mm Pitch Beau Eurostyle Screw Clamp Plug, 2 Circuits
More results

Similar Description - 99093

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99115 ETC2-99115 Datasheet
1Mb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99086 ETC2-99086 Datasheet
989Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99066 ETC2-99066 Datasheet
1,009Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99071 ETC2-99071 Datasheet
956Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99041 ETC2-99041 Datasheet
971Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99036 ETC2-99036 Datasheet
765Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99191 ETC2-99191 Datasheet
749Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com