Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99090 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 99090
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99090 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  99090 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99090 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99090 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99090 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99090 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99090 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 6 of 6
SSL Solutions Faster Than The Speed Of Light®
Typical Electrical & Optical Characteristic Curves:
Packaging
• LED Modules will be packaged in trays for primary protection.
• According to the total delivery amount, cardboard boxes will be used to protect the trays of LED Modules from mechanical shocks during transportation.
• The boxes are not water resistant and therefore must be kept away from water and moisture.
Reliability and Average Lumen Maintenance
Before releasing new products the manufacturer puts a representative product sample set through an entire suite of qualification tests, including the most stressful
test for high power LEDs, the Wet High-Temperature Operating Life (WHTOL) test at 85°C/85%RH for 1000 hours at the specified operating current.
LED lifetime has been extrapolated based on the accumulated operating and accelerated aging data. Based on this data, the manufacturer projects that the LED
products will deliver, on average, 70% lumen maintenance at 50,000 hours of operation at the specified operating current, provided that the case temperature is
maintained at or below 80°C.
0%
20%
40%
60%
80%
100%
10
100
1000
% CCT Shift vs. perceived brightness
CCT
Cool
Warm
Lumens
6W 46mm 120V Round
AC LED Light Engine
AC LED BY LYNK LABS
© Lynk Labs Inc. 06/27/2014
10
SR46-06W-120 V4


Similar Part No. - 99090

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
990902 MOLEX5-990902 Datasheet
172Kb / 3P
   5.00mm (.197") Pitch Beau??Eurostyle??Screw Clamp Plug, 2 Circuits
990902 MOLEX11-990902 Datasheet
37Kb / 2P
   5.00mm Pitch Beau Eurostyle Screw Clamp Plug, 2 Circuits
990903 MOLEX5-990903 Datasheet
172Kb / 3P
   5.00mm (.197") Pitch Beau??Eurostyle??Screw Clamp Plug, 3 Circuits
990903 MOLEX11-990903 Datasheet
37Kb / 2P
   5.00mm Pitch Beau Eurostyle Screw Clamp Plug, 3 Circuits
990904 MOLEX5-990904 Datasheet
172Kb / 3P
   5.00mm (.197") Pitch Beau??Eurostyle??Screw Clamp Plug, 4 Circuits
More results

Similar Description - 99090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99115 ETC2-99115 Datasheet
1Mb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99110 ETC2-99110 Datasheet
984Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99066 ETC2-99066 Datasheet
1,009Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99071 ETC2-99071 Datasheet
956Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99041 ETC2-99041 Datasheet
971Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99036 ETC2-99036 Datasheet
765Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99191 ETC2-99191 Datasheet
749Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com