Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99041 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 99041
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99041 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  99041 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99041 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99041 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99041 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99041 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99041 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
14W 120V AC 572mm Linear LED Module
AC LED Technology by Lynk Labs
Compatible with Phase-cut Dimmers
5 yr. Warranty
572mm 120V AC Linear LED Module 14W
Model
Number
Input
Power (W)
Input
Voltage (Vac)
Color
Temp (K)
Lumens
(±10%)
LPW
99041
14
120
2200
1097
78
99266
14
120
2700
1143
82
99042
14
120
3000
1167
83
99267
14
120
3500
1190
85
99043
14
120
4000
1213
87
99044
14
120
5000
1237
88
99045
14
120
5700
1248
89
Applications
• Troffer Replacement
• Fluorescent Tube
Replacement
• Indoor/Outdoor General
Line-voltage Illumination
• Ideal for commercial,
hospitality or residential
Features
• Direct 120V line connection
• Compatible with most existing leading edge
or trailing edge phase cut AC Dimmers
• High Power Efficiency
• Significant Energy Savings
• Reliable, fast and easy
• Durable Light Source
• Long Operating Life
• Releasable Poke-in Connectors
Dimensions:
572 ±0.254 mm L x 28.6 ±0.254mm W x 4.8 mm H
Specifications
Drive Voltage:
120Vac (100-132V Min-Max)
AC Current:
120 mA @25ºC typical; 145 mA max
Power Dissipation:
14W typical; 18W max
Power Factor:
>0.97
THD:
<20%
Life:
50,000 Hrs
Luminous Flux:
1167 lm @3000K
Luminous Efficacy:
83 LPW ±10% @3000K
Viewing Angle:
120 deg
Operating Temp:
-25ºC to +100ºC
Storage Temp:
-40ºC to +100ºC
Soldering Temp:
370ºC
4.8
1.2
0.0
14.3
14.3
11.2
11.2
Modules can be daisy-chained, limit of 10m per chain.
Line voltage AC LED modules are easy to use, offering direct
connectivity and effectively replacing traditional lamp technologies.
Patented AC LED technology eliminates the need for an AC-DC driver.
Rev 4-9-15
RECOGNIZED
COMPONENT


Similar Part No. - 99041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9904 ETC2-9904 Datasheet
98Kb / 2P
   Tinned copper conductor, PVC insulation.
logo
Keystone Electronics Co...
9904 KEYSTONE-9904 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9904 KEYSTONE-9904 Datasheet
270Kb / 1P
   PHILIPS PAN HEAD SCREW
logo
List of Unclassifed Man...
99040 ETC2-99040 Datasheet
765Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
9904291404 ETC-9904291404 Datasheet
357Kb / 3P
   Automation technology - sensors and actuators
2018-07-18
More results

Similar Description - 99041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99071 ETC2-99071 Datasheet
956Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99115 ETC2-99115 Datasheet
1Mb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99110 ETC2-99110 Datasheet
984Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99086 ETC2-99086 Datasheet
989Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99066 ETC2-99066 Datasheet
1,009Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99036 ETC2-99036 Datasheet
765Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99191 ETC2-99191 Datasheet
749Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com