Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99224 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 99224
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99224 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  99224 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99224 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99224 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99224 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
Applications
• Under Cabinet Lights
• Step Lights
• Accent Lights
• Garden Lights
• Display Lights
Features
• Compatible with existing 12V AC Power Supplies
• Polarity Independent
• Reliable, fast and easy - “Plug & Play”
• Compatible with most existing leading edge
or trailing edge phase cut AC Dimmers
• High Power Efficiency
• High Power Factor
• Significant Energy Savings
• Durable Light Source
• Long Operating life
21mm 12V AC Starboard LED Module
Model
Number
Input
Power (W)
Input
Voltage (Vac)
Color
Temp (K)
Lumens
LPW
99222
0.5
12
2200
28
56
99223
0.5
12
2700
31
63
99224
0.5
12
3000
33
66
99225
0.5
12
4000
38
75
99226
0.5
12
5000
41
82
0.5W 21mm 12V AC LED Starboard
AC LED Technology by Lynk Labs
Compatible with Phase-cut Dimmers
5 yr. Warranty when used with TRP 12V AC power supply
Specifications
Drive Voltage:
Power with TRP #99002, 99004, 99006,
or suitable 12V magnetic transformer.
Not to exceed 13V.
AC Current:
50 mA @25ºC typical; 75 mA max
Power Dissipation:
0.5W typical; 0.75W max
Life:
50,000 Hrs, if used as specified
Luminous Flux:
33 lm @3000K
Luminous Efficacy:
66 LPW ±10% @3000K
Viewing Angle:
120 deg
Operating Temp:
-25ºC to +100ºC
Storage Temp:
-40ºC to +100ºC
Soldering Temp:
370ºC
0.85
0.76
9.8
8.3
7.7
2.2
0.0
R 0.4 (12x)
R 1.6 (6x)
2.2
9.9
7.7
8.3
Rev 4-9-15
Low voltage AC LED modules offer an effective replacement for
incandescent, Xenon or Halogen lamps. Patented AC LED technology
eliminates the need for an AC-DC driver. Compatible with existing
magnetic or electronic 12V AC power supplies.


Similar Part No. - 99224

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9922-1 TEC-9922-1 Datasheet
210Kb / 1P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
REV B1
logo
IXYS Corporation
99227 IXYS-99227 Datasheet
571Kb / 5P
   PolarHV Power MOSFET
logo
List of Unclassifed Man...
99227 ETC2-99227 Datasheet
715Kb / 4P
   AC LED Technology by Lynk Labs
99228 ETC2-99228 Datasheet
715Kb / 4P
   AC LED Technology by Lynk Labs
99229 ETC2-99229 Datasheet
715Kb / 4P
   AC LED Technology by Lynk Labs
More results

Similar Description - 99224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99036 ETC2-99036 Datasheet
765Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99191 ETC2-99191 Datasheet
749Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99011 ETC2-99011 Datasheet
752Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99186 ETC2-99186 Datasheet
1,010Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99016 ETC2-99016 Datasheet
788Kb / 5P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99071 ETC2-99071 Datasheet
956Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99041 ETC2-99041 Datasheet
971Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com