Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99039 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 99039
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99039 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  99039 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99039 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99039 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99039 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 4 of 4
SSL Solutions Faster Than The Speed Of Light®
0
20
40
60
80
100
400
450
500
550
600
650
700
750
800
Wavelength (nm)
Cool White
Neutral White
Warm White
Typical Electrical & Optical Characteristic Curves:
Spectrum (VF=12Vrms, Ta=25°C, pulsed measurement)
Radiant Angle & Pattern (VF=12Vrms, Ta=25°C, pulsed measurement)
Packaging
• LED Modules will be packaged in trays for primary protection.
• According to the total delivery amount, cardboard boxes will be used to protect the trays of LED Modules from mechanical shocks during transportation.
• The boxes are not water resistant and therefore must be kept away from water and moisture.
Reliability and Average Lumen Maintenance
Before releasing new products the manufacturer puts a representative product sample set through an entire suite of qualification tests, including the most stressful
test for high power LEDs, the Wet High-Temperature Operating Life (WHTOL) test at 85°C/85%RH for 1000 hours at the specified operating current.
LED lifetime has been extrapolated based on the accumulated operating and accelerated aging data. Based on this data, the manufacturer projects that the LED
products will deliver, on average, 70% lumen maintenance at 50,000 hours of operation at the specified operating current, provided that the case temperature is
maintained at or below 80°C.
Design Considerations/Specifications
Thermal Management Requirements
• Heat Sink Required (22 square cm/watt surface area)
• Thermal epoxy – No mechanical mounting required
• Thermal tape – No mechanical mounting required
• Thermal grease – Mechanical mounting required
Mechanical Mounting
• Use nylon washers for all mounting holes when using screws.
• Do not put force on LEDs.
• Do not bend PCB.
Electrical Interface
• Solder Pads
Emitting
Color
Center
CCT (K)
Flux
Code
Min
Max
Warm
White
2700
F28
45
50
F29
50
55
F30
55
60
F31
60
68
F32
68
75
F33
75
85
F34
85
95
Warm
White
3000
F28
45
50
F29
50
55
F30
55
60
F31
60
68
F32
68
75
F33
75
85
F34
85
95
F35
95
110
Neutral
White
4000
F29
50
55
F30
55
60
F31
60
68
F32
68
75
F33
75
85
F34
85
95
F35
95
110
Cool
White
5000
F30
55
60
F31
60
68
F32
68
75
F33
75
85
F34
85
95
F35
95
110
F36
110
125
90°
10°
20°
30°
40°
50°
60°
70°
80°
0
30°
60°
90°
0.5
1
0.0
0.5
1.0
-0.9
-0.4
0.1
0.6
13.4W 305mm 12V Linear
AC LED Light Engine
AC LED BY LYNK LABS


Similar Part No. - 99039

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9903 ETC2-9903 Datasheet
34Kb / 3P
   4 Pairs, 3 - 28 AWG (7x32) tinned copper conductors, 1 - 24 AWG (7x36), all individually shielded, overall isolated Duofoil
logo
Belden Inc.
9903 BELDEN-9903 Datasheet
145Kb / 2P
   Transceiver 10BASE5, #28-3pr, #24-1pr, PO, Isolated Shields, PVC Jkt, CMG
03-04-2023
logo
Keystone Electronics Co...
9903 KEYSTONE-9903 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9903 KEYSTONE-9903 Datasheet
270Kb / 1P
   PHILIPS PAN HEAD SCREW
logo
Coto Technology
9903-05-00 COTO-9903-05-00 Datasheet
294Kb / 2P
   Surface Mount Reed Relays
More results

Similar Description - 99039

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99191 ETC2-99191 Datasheet
749Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99011 ETC2-99011 Datasheet
752Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99186 ETC2-99186 Datasheet
1,010Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99016 ETC2-99016 Datasheet
788Kb / 5P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99222 ETC2-99222 Datasheet
720Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99071 ETC2-99071 Datasheet
956Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99041 ETC2-99041 Datasheet
971Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com