Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8530I-01 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS8530I-01
Description  Maximum output frequency
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8530I-01 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS8530I-01 Datasheet HTML 1Page - Integrated Device Technology ICS8530I-01 Datasheet HTML 2Page - Integrated Device Technology ICS8530I-01 Datasheet HTML 3Page - Integrated Device Technology ICS8530I-01 Datasheet HTML 4Page - Integrated Device Technology ICS8530I-01 Datasheet HTML 5Page - Integrated Device Technology ICS8530I-01 Datasheet HTML 6Page - Integrated Device Technology ICS8530I-01 Datasheet HTML 7Page - Integrated Device Technology ICS8530I-01 Datasheet HTML 8Page - Integrated Device Technology ICS8530I-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ICS8530DYI-01 REVISION A FEBRUARY 22, 2011
4
©2011 Integrated Device Technology, Inc.
ICS8530DYI-01 Data Sheet
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Table 4B. Differential Input DC Characteristics, VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Table 4C. LVPECL DC Characteristics, VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
Ω to V
CCO – 2V.
Table 5. AC Electrical Characteristics, VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. Device will meet specifications after thermal equilibrium has
been reached under these conditions.
NOTE: All parameters measured at 250MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross
points.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature, same frequency and
with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
150
µA
5µA
IIL
Input Low Current
-5
µA
-150
µA
VPP
Peak-to-Peak Input Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1, 2
VEE + 0.5
VCC – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCCO – 1.4
VCCO – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCCO – 2.0
VCCO – 1.7
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
500
MHz
tJIT
Buffer Additive Phase Jitter,
RMS; refer to Additive Phase
Jitter Section
106.25MHz,
Integration Range: 12kHz – 20MHz
0.162
ps
212.5MHz,
Integration Range: 12kHz – 20MHz
0.152
ps
tPD
Propagation Delay; NOTE 1
1
2
ns
tsk(o)
Output Skew; NOTE 2, 3
75
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 4
700
ps
odc
Output Duty Cycle
47
53
%
tR / tF
Output Rise/ Fall Time
20% to 80%
300
700
ps


Similar Part No. - ICS8530I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8530I-01 ICST-ICS8530I-01 Datasheet
267Kb / 17P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - ICS8530I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
   Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
   Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
   Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
   Maximum output frequency
logo
Integrated Device Techn...
83918 IDT-83918 Datasheet
266Kb / 19P
   Maximum output frequency
83940D IDT-83940D Datasheet
220Kb / 16P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com