Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8305I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8305I
Description  Maximum output frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8305I Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8305I Datasheet HTML 1Page - Integrated Device Technology ICS8305I Datasheet HTML 2Page - Integrated Device Technology ICS8305I Datasheet HTML 3Page - Integrated Device Technology ICS8305I Datasheet HTML 4Page - Integrated Device Technology ICS8305I Datasheet HTML 5Page - Integrated Device Technology ICS8305I Datasheet HTML 6Page - Integrated Device Technology ICS8305I Datasheet HTML 7Page - Integrated Device Technology ICS8305I Datasheet HTML 8Page - Integrated Device Technology ICS8305I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
8305AGI
www.idt.com
REV. B SEPTEMBER 17, 2012
3
ICS8305I
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/
LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
TABLE 3A. CONTROL INPUT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
E
ON
E
_
K
L
CL
E
S
_
K
L
Ce
c
r
u
o
S
d
e
t
c
e
l
e
S3
Q
:
0
Q
10
0
K
L
C
_
S
O
M
C
V
LW
O
L
;
d
e
l
b
a
s
i
D
10
1
K
L
C
n
,
K
L
CW
O
L
;
d
e
l
b
a
s
i
D
11
0
K
L
C
_
S
O
M
C
V
Ld
e
l
b
a
n
E
11
1
K
L
C
n
,
K
L
Cd
e
l
b
a
n
E
0X
X
Z
i
H
e
g
d
e
k
c
o
l
c
t
u
p
n
i
g
n
il
l
a
f
d
n
a
g
n
i
s
i
r
a
g
n
i
w
o
ll
o
f
d
e
l
b
a
n
e
r
o
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
e
h
t
,
s
e
h
c
t
i
w
s
N
E
_
K
L
C
r
e
t
f
A
:
E
T
O
N
.
1
e
r
u
g
i
F
n
i
n
w
o
h
s
s
a
FIGURE 1. CLK_EN TIMING DIAGRAM
Enabled
Disabled
nCLK
CLK,
LVCMOS_CLK
CLK_EN
Q0:Q3


Similar Part No. - ICS8305I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
   LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8305I RENESAS-ICS8305I Datasheet
460Kb / 17P
   LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
SEPTEMBER 17, 2012
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
More results

Similar Description - ICS8305I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
   Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
   Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
   Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
   Maximum output frequency
logo
Integrated Device Techn...
83918 IDT-83918 Datasheet
266Kb / 19P
   Maximum output frequency
83940D IDT-83940D Datasheet
220Kb / 16P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com