Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5102 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX5102
Description  2.7V to 5.5V, Low-Power, Dual, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5102 Datasheet(HTML) 7 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
input latches. To avoid output glitches in the MAX5102,
ensure that data is valid before WR goes low. When the
device powers up (i.e., VDD ramps up), all latches are
internally preset with code 00 hex.
Applications Information
External Reference
The reference source resistance must be considerably
less than the reference input resistance. To keep within
1LSB error in an 8-bit system, RS must be less than
RREF/256. Hence, maintain a value of RS < 1k
Ω to
ensure 8-bit accuracy. If VREF is DC only, bypass REF
to GND with a 0.1µF capacitor. Values greater than this
improve noise rejection.
Power Sequencing
The voltage applied to REF should not exceed VDD at
any time. If proper power sequencing is not possible,
connect an external Schottky diode between REF and
VDD to ensure compliance with the absolute maximum
ratings. Do not apply signals to the digital inputs before
the device is fully powered up.
Power-Supply Bypassing and
Ground Management
Digital or AC transient signals on GND can create noise
at the analog output. Return GND to the highest-quality
ground available. Bypass VDD with a 0.1µF capacitor,
located as close to VDD and GND as possible.
Careful PC board ground layout minimizes crosstalk
between the DAC outputs and digital inputs.
Chip Information
TRANSISTOR COUNT: 6848
+2.7V to +5.5V, Low-Power, Dual, Parallel
8-Bit DAC with Rail-to-Rail Voltage Outputs
_______________________________________________________________________________________
7


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn