Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5102 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX5102
Description  2.7V to 5.5V, Low-Power, Dual, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5102 Datasheet(HTML) 1 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX5102 parallel-input, voltage-output, dual 8-bit
digital-to-analog converter (DAC) operates from a single
+2.7V to +5.5V supply and comes in a space-saving
16-pin TSSOP package. Internal precision buffers
swing Rail-to-Rail®, and the reference input range
includes both ground and the positive rail. Both DACs
share a common reference input.
The MAX5102 has separate input latches for each of its
DACs. Data is transferred to the input latches from a
common 8-bit input port. The DACs are individually
selected through address input A0 and are updated by
bringing WR low.
The MAX5102 features a shutdown mode that reduces
current to 1nA, as well as a power-on reset mode that
resets all registers to code 00 hex on power-up.
Applications
Digital Gain and Offset Adjustment
Programmable Attenuators
Portable Instruments
Power-Amp Bias Control
Features
o +2.7V to +5.5V Single-Supply Operation
o Ultra-Low Supply Current
0.2mA while Operating
1nA in Shutdown Mode
o Ultra-Small 16-Pin TSSOP Package
o Ground to VDD Reference Input Range
o Output Buffer Amplifiers Swing Rail-to-Rail
o Power-On Reset Sets All Registers to Zero
+2.7V to +5.5V, Low-Power, Dual, Parallel
8-Bit DAC with Rail-to-Rail Voltage Outputs
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VDD
OUTA
OUTB
GND
A0
D0
D1
D2
D3
TOP VIEW
MAX5102
TSSOP
REF
SHDN
D6
WR
D7
D5
D4
19-1565; Rev 0; 10/99
PART
MAX5102AEUE
MAX5102BEUE
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 TSSOP
16 TSSOP
Pin Configuration
Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
INL
(LSB)
±1
±2
OUTA
OUTB
MAX5102
DAC A
DAC B
INPUT
LATCH A
INPUT
LATCH B
CONTROL
LOGIC
SHDN
REF
A0
WR
D0–D7
Functional Diagram


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn