Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS853S310I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS853S310I
Description  Two selectable differential input pairs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S310I Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS853S310I Datasheet HTML 1Page - Integrated Device Technology ICS853S310I Datasheet HTML 2Page - Integrated Device Technology ICS853S310I Datasheet HTML 3Page - Integrated Device Technology ICS853S310I Datasheet HTML 4Page - Integrated Device Technology ICS853S310I Datasheet HTML 5Page - Integrated Device Technology ICS853S310I Datasheet HTML 6Page - Integrated Device Technology ICS853S310I Datasheet HTML 7Page - Integrated Device Technology ICS853S310I Datasheet HTML 8Page - Integrated Device Technology ICS853S310I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ICS853S310CVI REVISION A NOVEMBER 17, 2010
3
©2010 Integrated Device Technology, Inc.
ICS853S310I Data Sheet
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 3A. LVPECL Power Supply DC Characteristics, VCC = VCCO = 3.0V to 3.8V, VEE = 0V; TA = -40°C to 85°C
Table 3B. ECL Power Supply DC Characteristics, VEE = -3.8V to -3.0V, VCC = VCCO = 0V; TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V (LVPECL mode, VEE = 0V)
Negative Supply Voltage, VEE
-4.6V (ECL mode, VCC = VCCO = 0V)
Inputs, VI (LVPECL mode)
-0.5V to VCC + 0.5V
Inputs, VI (ECL mode)
0.5V to VEE – 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
VBB Sink/Source, IBB
± 0.5mA
Operating Temperature Range, TA
-40
°C to +85°C
Package Thermal Impedance,
θ
JA
50.4
°C/W (0 lfpm)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Positive Supply Voltage
3.0
3.3
3.8
V
VCCO
Output Supply Voltage
3.0
3.3
3.8
V
IEE
Power Supply Current
65
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VEE
Supply Voltage
-3.0
-3.3
-3.8
V
IEE
Power Supply Current
65
mA


Similar Part No. - ICS853S310I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S310I RENESAS-ICS853S310I Datasheet
1Mb / 18P
   Low Skew, 1-to-8 Differential-to3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 17, 2010
More results

Similar Description - ICS853S310I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S111B IDT-853S111B Datasheet
342Kb / 25P
   Two selectable differential input pairs
IDT8SLVD1204I IDT-IDT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
377Kb / 18P
   Two selectable differential clock input pairs
DT8SLVD1204I IDT-DT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
8735BI-01 IDT-8735BI-01 Datasheet
413Kb / 21P
   Selectable differential input pairs
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
   Two differential reference clock input pairs
logo
Integrated Circuit Syst...
ICS9DB202 ICST-ICS9DB202 Datasheet
263Kb / 11P
   Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
logo
Integrated Device Techn...
8T33FS6222 IDT-8T33FS6222 Datasheet
779Kb / 34P
   Two selectable differential PECL inputs
logo
PREMA Semiconductor.
PR5401 PREMA-PR5401 Datasheet
601Kb / 6P
   Two differential pairs of photodiodes with amplifiers
logo
Integrated Device Techn...
ICS853S014I IDT-ICS853S014I Datasheet
248Kb / 20P
   Two selectable differential LVPECL clock inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com