Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5935 Datasheet(PDF) 13 Page - Integrated Device Technology

Part No. 5P49V5935
Description  Generates up to four independent output frequencies
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

5P49V5935 Datasheet(HTML) 13 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
REVISION B 07/13/15
13
PROGRAMMABLE CLOCK GENERATOR
5P49V5935 PRELIMINARY DATASHEET
Table 19:Electrical Characteristics – DIF 0.7V Low Power HCSL Differential Outputs
(VDDO = 3.3V±5%, 2.5V±5%, TA = -40°C to +85°C)
1. Guaranteed by design and characterization. Not 100% tested in production
2. Measured from differential waveform.
3. Slew rate is measured through the VSWING voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4. VCROSS is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge
(i.e. Clock rising and Clock# falling).
5. The total variation of all VCROSS measurements in any particular system. Note that this is a subset of VCROSS min/max (VCROSS absolute)
allowed. The intent is to limit VCROSS induced modulation by setting VCROSS to be smaller than VCROSS absolute.
6. Measured from single-ended waveform.
7. Measured with scope averaging off, using statistics function. Variation is difference between min. and max.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Notes
dV/dt
Slew Rate
Scope averaging on
1
4
V/ns
1,2,3
ΔdV/dt
Slew Rate
Scope averaging on
20
%
1,2,3
VHIGH
Voltage High
660
850
mV
1,6,7
VLOW
Voltage Low
-150
150
mV
1,6
VMAX
Maximum Voltage
1150
mV
1
VMIN
Minimum Voltage
-300
mV
1
VSWING
Voltage Swing
Scope averaging off
300
mV
1,2,6
VCROSS Crossing Voltage Value
Scope averaging off
250
550
mV
1,4,6
ΔVCROSS Crossing Voltage variation Scope averaging off
140
mV
1,5
Statistical measurement on single-ended
signal using oscilloscope math function
(Scope averaging ON)
Measurement on single-ended signal using
absolute value (Scope averaging off)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn