Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5P49V5935 Datasheet(PDF) 12 Page - Integrated Device Technology

Part No. 5P49V5935
Description  Generates up to four independent output frequencies
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

5P49V5935 Datasheet(HTML) 12 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
PROGRAMMABLE CLOCK GENERATOR
12
REVISION B 07/13/15
5P49V5935 PRELIMINARY DATASHEET
Table 15:DC Electrical Characteristics for 1.8V LVCMOS (VDDO = 1.8V±5%, TA = -40°C to +85°C)
Table 16:DC Electrical Characteristics for LVDS(VDDO = 3.3V+5% or 2.5V+5%, TA = -40°C to +85°C)
Table 17:DC Electrical Characteristics for LVDS (VDDO = 1.8V+5%, TA = -40°C to +85°C)
Table 18:DC Electrical Characteristics for LVPECL (VDDO = 3.3V+5% or 2.5V+5%, TA = -40°C to
+85°C)
Symbol
Parameter
Min
Typ
Max
Unit
VOT (+) Differential Output Voltage for the TRUE binary state
247
454
mV
VOT (-)
Differential Output Voltage for the FALSE binary state
-247
-454
mV
VOT
Change in VOT between Complimentary Output States
50
mV
VOS
Output Common Mode Voltage (Offset Voltage)
1.125
1.25
1.375
V
VOS
Change in VOS between Complimentary Output States
50
mV
IOS
Outputs Short Circuit Current, VOUT+ or VOUT - = 0V or VDDO
924
mA
IOSD
Differential Outputs Short Circuit Current, VOUT+ = VOUT -
612
mA
Symbol
Parameter
Min
Typ
Max
Unit
VOT (+) Differential Output Voltage for the TRUE binary state
247
454
mV
VOT (-)
Differential Output Voltage for the FALSE binary state
-247
-454
mV
VOT
Change in VOT between Complimentary Output States
50
mV
VOS
Output Common Mode Voltage (Offset Voltage)
0.8
0.875
0.95
V
VOS
Change in VOS between Complimentary Output States
50
mV
IOS
Outputs Short Circuit Current, VOUT+ or VOUT - = 0V or VDDO
924
mA
IOSD
Differential Outputs Short Circuit Current, VOUT+ = VOUT -
612
mA
Symbol
Parameter
Min
Typ
Max
Unit
VOH
Output Voltage HIGH, terminated through 50
 tied to VDD - 2 V
VDDO - 1.19
VDDO - 0.69
V
VOL
Output Voltage LOW, terminated through 50
 tied to VDD - 2 V
VDDO - 1.94
VDDO - 1.4
V
VSWING Peak-to-Peak Output Voltage Swing
0.55
0.993
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = -8mA
0.7 xVDDO
VDDO
V
VOL
Output LOW Voltage
IOL = 8mA
0.25 x VDDO
V
IOZDD
Output Leakage Current (OUT1~4) Tri-state outputs, VDDO = 3.465V
5µA
IOZDD
Output Leakage Current (OUT0)
Tri-state outputs, VDDO = 3.465V
30
µA
VIH
Input HIGH Voltage
Single-ended inputs - CLKSEL, SD/OE
0.7 * VDDD
VDDD + 0.3
V
VIL
Input LOW Voltage
Single-ended inputs - CLKSEL, SD/OE
GND - 0.3
0.3 * VDDD
V
VIH
Input HIGH Voltage
Single-ended input OUT0_SEL_I2CB
0.65 * VDDO0
VDDO0 + 0.3
V
VIL
Input LOW Voltage
Single-ended input OUT0_SEL_I2CB
GND - 0.3
0.4
V
TR/TF
Input Rise/Fall Time
CLKSEL, SD/OE, SEL1/SDA,
SEL0/SCL
300
nS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn